Electronic Components Datasheet Search
  English  ▼

X  

FSOC270RN Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # FSOC270RN
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC270RN Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  FSOC270RN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Item
Code
Dimensions: mm
Pitch of Component
P
12.7
Pitch of Sprocket Hole
P0
12.7 ± 0.2
Lead Spacing
F
5.0 +0.8
–0.2
Length from Hole Center to Lead
P1
3.85 ± 0.7
Length from Hole Center to
P2
6.35 ± 1.3
Component Center
BL02RN1
7.5 max.
Width of Body
D
BL02RN2
9.0 max.
BL03RN2
8.3 max.
Height of Bead
H
BL02
7.5 max.
BL03
6.5 max.
Deviation along Tape, Left or Right
S
±1.0
Carrier Tape Width
W
18.0 ± 0.5
Position of Sprocket Hole
W1
9.0
+0
–0.5
T2= 16.5 ± 0.5
Lead Length
H1
T3= 20.0 ± 0.5
T4= 18.5 ± 0.5
Protrusion Length
+0.5 to –1.0
Diameter of Sprocket Hole
D0
4.0 ± 0.1
Lead Diameter
d
0.60 ± 0.5
Total Tape Thickness
t
0.7 ± 0.2
Deviation Across Tape
h
±1.0 max.
Portion to Cut in Case of Defect
L
11.0 +0
–1.0
Hold Down Tape Width
W0
12.0 ± 0.5
Hold Down Tape Position
W2
1.5 ± 1.5
Body Thickness
T
BL02
3.4 ± 0.2
BL03
2.3 max.
CG01-I
249
EMI LEADED FILTERS
FERRITE BEAD INDUCTORS
BL01, BL02 & BL03 Series
Z
R
X
Z
R
X
Z
R
X
TYPICAL IMPEDANCE CHARACTERISTICS
TAPE DIMENSIONS: mm
BL01RN1/BL02RN1
BL02RN2
BL03RN2
AXIAL LEAD TYPE BL01 SERIES
BL01RN1-A62T5/A63T6
RADIAL LEAD TYPE BL02/BL03 SERIES
BL02RN1-R62T4
BL02RN2-R62T4/BL03RN2-R62T4
140
120
100
80
60
40
20
0
0.5 1
2
5
10 20
50 100 200 500 1000
Frequency (MHz)
3.6 ± 0.15
5.0 ± 0.3
5.0 ± 0.5
6.0 ± 1.0
L1 – L2
1.5
** A62T5 = 52
+2
–1
** A63T6 = 26
+1.5
–0
3.2 max.
1.2 max.
0.8 max.
0.6 ± 0.05
L2
* *
L1
L
W1
H1
T
t
W2
W0
h
S
P1
P2
P
H
F
D
P0
D0
W
L
W1
H1
T
t
W2
W0
h
S
P1
P2
P
H
F
D
P0
D0
W
0
140
120
100
80
60
40
20
0
0.5 1
2
5
10 20
50 100 200 500 1000
Frequency (MHz)
140
120
100
80
60
40
20
0
0.5 1
2
5
10 20
50 100 200 500 1000
Frequency (MHz)
d
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com