Electronic Components Datasheet Search
  English  ▼

X  

FSOC290PB Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # FSOC290PB
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC290PB Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC290PB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PSG
B
CG
CG
CG
CB
PSG
B
CG
CG
CG
CB
PSG
B
L1
L3
C2
C1
L2
B
PSG
CB
CG
260
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
BLOCK FILTERS
BNX002/003/005 Series
Block-type BNX002 filters completely eliminate noise from
extremely wide frequency bands. The BNX002 is perfect
for use in DC power circuits and is designed to perform
superbly — through the use of through-type barrier layer
capacitors, monolithic chip capacitors and bead inductors.
Each block contains a number of compact EMI suppression
filters. In addition, the input/output terminals and the grounding
terminal are aligned in the same direction, thus permitting fast
and easy assembly on any type of PC board.
APPLICATIONS
Noise elimination from signal lines and DC power sources in a
variety of switching power sources, engine control units, digital
equipment and computer terminals.
s The filter is extremely compact since only one filter block
is needed to completely eliminate noise from both the
positive and ground lines.
s There are no connections in the feed-thru current circuits,
thus ensuring highly reliable performance.
s Both the input/output terminals and the grounding terminal
are aligned in the same direction, permitting fast and easy
installation on any type of PC board.
FEATURES
s The BNX002 incorporates feed-thru-type barrier layer
capacitor and a chip capacitor which are interconnected.
This combination enables the BNX002 to achieve a
significantly large insertion loss throughout the extremely
wide frequency range of 0.5MHz to 1GHz, which covers
the AM and UHF-TV broadcast frequency bands.
s Non polarized — but care must be taken to ensure that
terminal with inductor on ground line faces EMI source.
PSG
B
CG
CG
CG
CB
PSG
CB
CG
CG
CG
B
DIMENSIONS: mm
SPECIFICATIONS
EQUIVALENT CIRCUIT
Item
Specifications
Part Number
‚BNX002-01
‚BNX003-01
‚BNX005-01
Operating Temperature
–30°C to +85°C
Range
Rated Voltage
50VDC
150VDC
50VDC
Test Voltage
125VDC
375VDC
125VDC
Maximum Current
10ADC
15ADC
Capacity
Insulation Resistance
1000M Ohms min.
1MHz to 1GHz
5MHz to 1GHz
1MHz to 1GHz
Insertion Loss
40dB min.
40dB min.
40dB min.
20°C to 25°C Line Impedance = 50 Ohms
RECOMMENDED P.C. BOARD PATTERN
PSG: Power Supply Ground
CB: Circuit B
CG: Circuit Ground
TOP VIEW
BOTTOM VIEW
Top View PCB
Bottom View Filter
‚Available as standard through authorized Murata Electronics Distributors.
12.0 ± 0.5
11.0 ± 0.5
5.0 ± 0.5
0.6 ± 0.1
2.5 ± 0.2
0.8 D.
7.5 ± 0.2
For 005/01
Lead Dia. is
1.0
2.5 ± 0.1
5.0 ± 0.1
7.5 ± 0.1
Ground
Plane
2.5 ± 0.2
*BNX005-01 = 13.5 and 18.5
2.5 ± 0.1
2.5 ± 0.1
13.0 max.*
1.2 D.x6
18.0*
max.
3.5 ± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com