Electronic Components Datasheet Search
  English  ▼

X  

FSOC410RN Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # FSOC410RN
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC410RN Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC410RN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC410RN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CG01-I
259
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
BLOCK FILTERS
BNP002/004 Series
Block-type BNP002 filters completely eliminate noise from
extremely wide frequency bands. The BNP002 is ideal for
eliminating noise in logic signal circuits and is designed to
perform superbly through the use of through-type barrier layer
capacitors, and bead inductors.
Each block contains a number of compact EMI suppression
filters. In addition, the input/output terminals and the grounding
terminal are aligned in the same direction, thus permitting fast
and easy assembly on any type of PC board.
APPLICATIONS
Noise elimination from signal lines and DC power sources in
engine control units, digital equipment and computer terminals.
s Since all noise in parallel signal lines can be eliminated by
one filter block, minimum board space is utilized.
s There are no connections in the feed-thru current circuits,
thus ensuring highly reliable performance.
s Both the input/output terminals and the grounding terminal
are aligned in the same direction, permitting fast and easy
installation on any type of PC board.
FEATURES
s The EMIFIL BNP002 incorporates feed-thru type barrier
layer capacitors in Pi circuits, obtaining significantly large
insertion losses over an extremely wide frequency
range — from 15MHz up to 1GHz.
s The cut-off frequency is designed to be at several MHz,
which is ideal for eliminating noise from any circuit in which
the signal frequency and the noise frequency are relatively
close together.
DIMENSIONS: mm
SPECIFICATIONS
EQUIVALENT CIRCUIT
Item
Specifications
Part Number
‚BNP002-02
‚BNP002-03
‚BNP004-02
Number of Circuits
23
2
Circuit Construction
π
Operating Temperature
–40°C to +100°C
Range
Rated Voltage
50VDC
Withstand Voltage
300VDC
125VDC
Maximum Current
10ADC
Capacity
Insulation Resistance
1000M Ohms min.
DC Resistance
0.05 Ohms max., (20°C to 25°C)
Insertion Loss
20MHz to 500MHz: 40dB
300MHz to 1GHz
(20°C to 25°C) min.
40dB min.
RECOMMENDED P.C. BOARD PATTERN
BNP002-02
BNP004-02
BNP002-02
BNP004-02
Capacitance value of each
circuit (
π) is 6600 pF min.
a : Ground Terminal
Non-Directional
BNP002-03
Top View
TYPICAL INSERTION LOSS CHARACTERISTICS
1
10
100
1000
Frequency (MHz)
0
20
40
60
80
100
Bottom View
BNP002-03
‚Available as standard through authorized Murata Electronics Distributors.
12.0 ± 0.5
17.0 ± 0.5
11.0 ± 0.5
11.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
0.6 ± 0.1
0.6 ± 0.1
2.5 ± 0.2
2.5 ± 0.2
0.8 ± 0.1
2.5 ± 0.2
2.5 ± 0.2
2.5 ± 0.1
2.5 ± 0.1
2.5 ± 0.1
0.8 ± 0.1
10.0 ± 0.1
15.0 ± 0.1
MOUNTING HOLES
Unit: mm
1.2 D. x 7
1.2 D. x 10
2.5x4=10
2.5x6=15
2.5 ± 0.1
2.5 ± 0.1
2.5 ± 0.1
12.0 max.
12.0 max.
17.0
17.0
0.8 D.
0.8 D.
3.5 ± 1.0
3.5 ± 1.0
BNP004
BNP002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com