Electronic Components Datasheet Search
  English  ▼

X  

FSOC600RN Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # FSOC600RN
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC600RN Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC600RN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CG01-I
255
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
WITH SEMICONDUCTOR SURGE PROTECTION
The VFR303 Series is an EMI suppression filter with a built-in
varistor function designed to protect semiconductors, such as
C-MOS and TTl, from ESD surge rushes. The VFR303 series
works well as EMI suppression filter.
FEATURES
s Absorbs ESD surges, provides IC protection.
s Excellent signal line EMI suppression filter.
s Thin and low height enables high density mounting.
APPLICATIONS
Elimination of noise and protection of semiconductors in office
automation equipment, including computers and their peripheral
equipment, copy machines, and communication terminals.
PART NUMBERING SYSTEM
SPECIFICATIONS
Capacitance (1kHz)
DC Resistance
Rated Voltage
Rated Current
Peak Pulse
Part Number
(Between
(Ohms)
(Between
(Between
Varistor
Current (Between
Operating
Terminals 1-2)
(Between
Terminals 1-2)
Terminals 1-3)
Voltage
Terminals 1-2)
Temp. Range
Terminals 1-3)
8/20 s
‚VFR303-351 AY 25
130pF ± 20%
150 ± 35%
25VDC
20mA
50VDC ± 20%
15A
–25 to +85°C
(V1mA)
DIMENSIONS: mm
0
10
20
30
40
50
60
70
5
10
100
1000
Frequency (MHz)
8.0 max.
VFR303
—
351
AY
25
SERIES
PACKAGING
TYPE
RATED VOLTAGE
Bulk = 351
Taped = 431
Terminal
F1
5.0 ± 0.5
F1: 2.5 ± 0.5
25.0 max.
2.3 max.
5.0 max.
0.45 ± 0.1 Dia.
3 x 0.8 Dia.
2.5 ± 0.2
Standard
Mounting Hole
VFR303 Series
‚Available as standard through authorized Murata Electronics Distributors.
VFR303-351
TYPICAL INSERTION LOSS
CHARACTERISTICS (50 Ohms – 3K Ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com