Electronic Components Datasheet Search
  English  ▼

X  

MPS3906 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS3906
Description  General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS3906 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS3906 Datasheet HTML 1Page - Motorola, Inc MPS3906 Datasheet HTML 2Page - Motorola, Inc MPS3906 Datasheet HTML 3Page - Motorola, Inc MPS3906 Datasheet HTML 4Page - Motorola, Inc MPS3906 Datasheet HTML 5Page - Motorola, Inc MPS3906 Datasheet HTML 6Page - Motorola, Inc MPS3906 Datasheet HTML 7Page - Motorola, Inc MPS3906 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS3906
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –100 mAdc, VCE = –1.0 Vdc)
hFE
60
80
100
60
30
—
—
300
—
—
—
Collector – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
—
—
–0.25
–0.4
Vdc
Base – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
–0.65
—
–0.85
–0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –20 V, f = 100 MHz)
fT
250
—
MHz
Output Capacitance
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
4.5
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
10
pF
Input Impedance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hie
2.0
12
k
Ω
Voltage Feedback Ratio
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hre
1.0
10
X 10– 4
Small–Signal Current Gain
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hfe
100
400
—
Output Admittance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure
(IC = –100 mAdc, VCE = –5.0 Vdc, RS = 1.0 k Ω, f = 1.0 kHz)
NF
—
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = –3.0 Vdc, VBE(off) = + 0.5 Vdc,
IC = –10 mAdc, IB1 = 1.0 mAdc)
td
—
35
ns
Rise Time
(VCC = –3.0 Vdc, VBE(off) = + 0.5 Vdc,
IC = –10 mAdc, IB1 = 1.0 mAdc)
tr
—
50
ns
Storage Time
(VCC = –3.0 Vdc, IC = –10 mAdc,
IB1 = IB2 = –1.0 mAdc)
ts
—
600
ns
Fall Time
IB1 = IB2 = –1.0 mAdc)
tf
—
90
ns
1. Pulse Test: Pulse Width = 300
ms; Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com