Electronic Components Datasheet Search
  English  ▼

X  

PE3822LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3822LF
Description  CABLE ASSEMBLY, RG405/U, SMA MALE TO SMA MALE RIGHT ANGLE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3822LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3822LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE3822LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3822 PASTERNACK-PE3822 Datasheet
271Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA MALE
More results

Similar Description - PE3822LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3818 PASTERNACK-PE3818 Datasheet
263Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO SMA MALE
PE3820 PASTERNACK-PE3820 Datasheet
273Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE RIGHT ANGLE TO SMA MALE RIGHT ANGLE
PE3420LF PASTERNACK-PE3420LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3411LF PASTERNACK-PE3411LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG62A/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3512LF PASTERNACK-PE3512LF Datasheet
280Kb / 1P
CABLE ASSEMBLY RG142B/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE35666LF PASTERNACK-PE35666LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE(LEAD FREE)
PE3003LF PASTERNACK-PE3003LF Datasheet
151Kb / 1P
CABLE ASSEMBLY RG400/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3828LF PASTERNACK-PE3828LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG405/U, SMA MALE TO N MALE (LEAD FREE)
PE3925LF PASTERNACK-PE3925LF Datasheet
300Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEA(LEAD FREE)
PE36539LF PASTERNACK-PE36539LF Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG405/U, 1.85mm MALE TO SMA MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com