Electronic Components Datasheet Search
  English  ▼

X  

PE4029 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4029
Description  SMA Male Right Angle Connector Clamp/Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4029 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4029 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG142, RG223, RG400
Configuration
Connector
SMA Male
Connector Interface Type
RG58,RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.83 [21.08]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.67 [17.02]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG142,
RG223, RG400 PE4029
PE4029
PE4029 REV
SMA Male Right Angle Connector Clamp/Solder
Attachment For RG58, RG55, RG142, RG223, RG400


Similar Part No. - PE4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4020 PASTERNACK-PE4020 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4021 PASTERNACK-PE4021 Datasheet
285Kb / 2P
UHF Sexless Connector Accessories UHF Sexless Connector Accessories
PE4022 PASTERNACK-PE4022 Datasheet
802Kb / 2P
UHF Sexless Connector Accessories Attachment For RG58
More results

Similar Description - PE4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4579 PASTERNACK-PE4579 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG180, RG195
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4028 PASTERNACK-PE4028_16 Datasheet
371Kb / 4P
SMA Male Right Angle Connector Clamp Solder Attachment
PE4054 PASTERNACK-PE4054_16 Datasheet
376Kb / 4P
TNC Male Right Angle Connector Clamp/Solder
PE4227 PASTERNACK-PE4227_17 Datasheet
411Kb / 3P
MHV Male Right Angle Connector Clamp/Solder
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4399 PASTERNACK-PE4399_16 Datasheet
396Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4400 PASTERNACK-PE4400_16 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4403 PASTERNACK-PE4403 Datasheet
121Kb / 1P
SMA MALE SOLDER/CLAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com