Electronic Components Datasheet Search
  English  ▼

X  

PE4033 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4033
Description  SMA Female Bulkhead Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4033 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4033 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4033 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4033 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG142, RG223, RG400,
.235 inch D Hole
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG58,RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.88 [22.35]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG142,
RG223, RG400, .235 inch D Hole PE4033
PE4033
PE4033 REV
SMA Female Bulkhead Connector Clamp/Solder Attachment
For RG58, RG55, RG142, RG223, RG400, .235 inch D Hole


Similar Part No. - PE4033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4030 PASTERNACK-PE4030 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4030 PASTERNACK-PE4030_16 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4031 PASTERNACK-PE4031 Datasheet
206Kb / 2P
SMA Female Connector Clamp-Solder Attachment For RG58, RG55, RG142, RG223, RG400
PE4031 PASTERNACK-PE4031 Datasheet
319Kb / 3P
SMA Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4030 PASTERNACK-PE4030_16 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4031 PASTERNACK-PE4031_16 Datasheet
319Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
BNC Female Bulkhead Connector Clamp/Solder Attachment
PE4411 PASTERNACK-PE4411_16 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4415 PASTERNACK-PE4415_16 Datasheet
397Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com