Electronic Components Datasheet Search
  English  ▼

X  

PE4049 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4049
Description  BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4049 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4049 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4049 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Hermetically Sealed Connector
Solder Attachment Turret Terminal, .480 inch D Hole
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D
Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.688 [17]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-standard-turret-terminal-connector-pe4049-p.aspx
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4049
PE4049 REV


Similar Part No. - PE4049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4049 PASTERNACK-PE4049 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
More results

Similar Description - PE4049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
PE4077 PASTERNACK-PE4077 Datasheet
259Kb / 3P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE44392 PASTERNACK-PE44392 Datasheet
220Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4469 PASTERNACK-PE4469 Datasheet
216Kb / 2P
TNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .480 inch D Hole
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE4318 PASTERNACK-PE4318 Datasheet
834Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com