Electronic Components Datasheet Search
  English  ▼

X  

PE4051 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4051
Description  SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4051 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4051 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4051 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4051 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMC Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 4
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.551 [14]
Width/Dia., in [mm]
0.451 [11]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316,
RG188 PE4051
PE4051
PE4051 REV


Similar Part No. - PE4051

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4051 PASTERNACK-PE4051 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4051

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4262 PASTERNACK-PE4262 Datasheet
291Kb / 3P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com