Electronic Components Datasheet Search
  English  ▼

X  

PE4073 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4073
Description  UHF Male Connector Crimp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4073 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4073 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4073 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
UHF Male
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.295 [32.89]
Width/Dia., in [mm]
0.7 [17.78]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
UHF Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
UHF Male Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Male Connector Crimp/Solder Attachment For RG59, RG62 PE4073
URL: http://www.pasternack.com/uhf-male-standard-rg59-rg62-connector-pe4073-p.aspx
PE4073
PE4073 REV
UHF Male Connector Crimp/Solder Attachment For RG59, RG62


Similar Part No. - PE4073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4073 PASTERNACK-PE4073 Datasheet
358Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4073 PASTERNACK-PE4073_16 Datasheet
358Kb / 3P
UHF Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4718 PASTERNACK-PE4718 Datasheet
254Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071 Datasheet
251Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4330 PASTERNACK-PE4330 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59,RG62
PE4294 PASTERNACK-PE4294 Datasheet
241Kb / 2P
SMA Male Connector Crimp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE44828 PASTERNACK-PE44828 Datasheet
259Kb / 3P
UHF Male Connector Solder Attachment For RG59, RG62, RG71
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com