Electronic Components Datasheet Search
  English  ▼

X  

PE4076 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4076
Description  MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4076 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4076 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4076 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400
MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
MHV Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,600
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.52 [38.61]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
MHV Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4076-p.aspx
MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400 from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4076
PE4076 REV


Similar Part No. - PE4076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4076 PASTERNACK-PE4076 Datasheet
397Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4076 PASTERNACK-PE4076_16 Datasheet
397Kb / 3P
MHV Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4081 PASTERNACK-PE4081 Datasheet
276Kb / 2P
N Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4519 PASTERNACK-PE4519 Datasheet
237Kb / 3P
SC Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4226 PASTERNACK-PE4226 Datasheet
409Kb / 3P
MHV Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com