Electronic Components Datasheet Search
  English  ▼

X  

PE4080 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4080
Description  SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4080 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4080 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4080 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Connector Crimp/Solder
Attachment For RG178, RG196
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.86 [21.84]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-plug-standard-rg178-rg196-connector-pe4080-p.aspx
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4080
PE4080 REV


Similar Part No. - PE4080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4080 PASTERNACK-PE4080 Datasheet
397Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4080 PASTERNACK-PE4080_16 Datasheet
397Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4926 PASTERNACK-PE4926 Datasheet
300Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4364 PASTERNACK-PE4364 Datasheet
265Kb / 2P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com