Electronic Components Datasheet Search
  English  ▼

X  

PE4097 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4097
Description  SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4097 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4097 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4097 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4097 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Bulkhead Connector Crimp/Solder
Attachment For RG174, RG316, RG188
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMB Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.867 [22.02]
Width/Dia., in [mm]
0.25 [6]
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMB Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-jack-standard-rg174-rg316-rg188-connector-pe4097-p.aspx
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4097
PE4097
PE4097 REV


Similar Part No. - PE4097

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4097 PASTERNACK-PE4097 Datasheet
360Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4097 PASTERNACK-PE4097_16 Datasheet
360Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
More results

Similar Description - PE4097

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4276 PASTERNACK-PE4276 Datasheet
262Kb / 2P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com