Electronic Components Datasheet Search
  English  ▼

X  

PE4106 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4106
Description  BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4106 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4106 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4106 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4106 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .480 inch D Hole
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.6:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.42 [36.07]
Width/Dia., in [mm]
0.689 [18]
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-standard-rg174-rg316-rg188-connector-pe4106-p.aspx
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480
inch D Hole PE4106
PE4106
PE4106 REV


Similar Part No. - PE4106

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4106 PASTERNACK-PE4106 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4106 PASTERNACK-PE4106_16 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results

Similar Description - PE4106

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com