Electronic Components Datasheet Search
  English  ▼

X  

PE4107 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4107
Description  SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4107 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4107 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4107 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
Configuration
Connector
SMC Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.602 [15.29]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear
Mount PE4107
URL: http://www.pasternack.com/smc-jack-standard-solder-cup-terminal-connector-pe4107-p.aspx
PE4107
PE4107 REV
SMC Jack Bulkhead Connector Solder Attachment
Solder Cup Terminal, .177 inch D Hole, Rear Mount


Similar Part No. - PE4107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4107 PASTERNACK-PE4107 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4289 PASTERNACK-PE4289 Datasheet
254Kb / 2P
SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4167 PASTERNACK-PE4167 Datasheet
257Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4288 PASTERNACK-PE4288 Datasheet
233Kb / 2P
SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com