Electronic Components Datasheet Search
  English  ▼

X  

PE4108 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4108
Description  SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4108 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4108 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4108 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.67 [17.02]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.66 [16.76]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196 PE4108
URL: http://www.pasternack.com/sma-male-standard-rg178-rg196-connector-pe4108-p.aspx
PE4108
PE4108 REV 01
SMA Male Right Angle Connector Clamp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4108

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4100 PASTERNACK-PE4100 Datasheet
303Kb / 2P
SHV Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4100 PASTERNACK-PE4100 Datasheet
397Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4100 PASTERNACK-PE4100_17 Datasheet
397Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4101 PASTERNACK-PE4101 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4108

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4789 PASTERNACK-PE4789 Datasheet
252Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE44189 PASTERNACK-PE44189 Datasheet
252Kb / 2P
RT SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4787 PASTERNACK-PE4787 Datasheet
225Kb / 2P
RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com