Electronic Components Datasheet Search
  English  ▼

X  

PE4141 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4141
Description  N Female Connector Clamp/Solder Attachment 4 HOle Fiange For RG58, RG55, RG141, RG142, RG223, RG400, 718 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4141 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4141 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment
4 Hole Flange For RG58, RG55, RG141, RG142,
RG223, RG400, .718 inch Hole Spacing
N Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223,
RG400, .718 inch Hole Spacing
Configuration
Connector
N Female
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.378 [35]
Width/Dia., in [mm]
1 [25]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4141-p.aspx
N Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .718 inch
Hole Spacing from Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99%
availability of the industry’s broadest selection of RF, microwave and fiber optic products.
PE4141
PE4141 REV


Similar Part No. - PE4141

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4141 PSEMI-PE4141 Datasheet
195Kb / 5P
Ultra-linear UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4141 PEREGRINE-PE4141 Datasheet
195Kb / 5P
Ultra-linear UltraCMOS
logo
Peregrine Semiconductor
PE4141 PSEMI-PE4141_14 Datasheet
796Kb / 5P
Ultra-linear UltraCMOS??Broadband Quad MOSFET Array
logo
Lucky Light Electronic
PE4141 LUCKY-LIGHT-PE4141_15 Datasheet
195Kb / 5P
Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4141 PEREGRINE-PE4141_15 Datasheet
195Kb / 5P
Broadband Quad MOSFET Array
More results

Similar Description - PE4141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4969 PASTERNACK-PE4969 Datasheet
280Kb / 3P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,RG223, RG400, .718 inch Hole Spacing
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE44068 PASTERNACK-PE44068 Datasheet
268Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Panel For RG55, RG141, RG142, RG223, RG400, .718 inch Hole Spacing
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4035 PASTERNACK-PE4035 Datasheet
583Kb / 2P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .340 inch Hole Spacing
PE4114 PASTERNACK-PE4114 Datasheet
317Kb / 2P
N Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44056 PASTERNACK-PE44056 Datasheet
206Kb / 2P
UHF Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com