Electronic Components Datasheet Search
  English  ▼

X  

AM7483P Datasheet(PDF) 1 Page - Analog Power

Part # AM7483P
Description  P-Channel 80-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7483P Datasheet(HTML) 1 Page - Analog Power

  AM7483P Datasheet HTML 1Page - Analog Power AM7483P Datasheet HTML 2Page - Analog Power AM7483P Datasheet HTML 3Page - Analog Power AM7483P Datasheet HTML 4Page - Analog Power AM7483P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7483P
P-Channel 80-V (D-S) MOSFET
VDS (V)
ID(A)
-9.2
-8.6
Symbol
Limit
Units
VDS
-80
VGS
±20
TA=25°C
-9
TA=70°C
-7.4
IDM
-100
IS
-7.1
A
TA=25°C
5
TA=70°C
3.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Gate-Source Voltage
PRODUCT SUMMARY
-80
rDS(on) (mΩ)
40 @ VGS = -10V
46 @ VGS = -4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7483P_1A


Similar Part No. - AM7483P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7480N ANALOGPOWER-AM7480N Datasheet
372Kb / 5P
N-Channel 80-V (D-S) MOSFET
AM7481P ANALOGPOWER-AM7481P Datasheet
193Kb / 3P
P-Channel 80-V (D-S) MOSFET
AM7482N ANALOGPOWER-AM7482N Datasheet
99Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM7484N ANALOGPOWER-AM7484N Datasheet
422Kb / 5P
N-Channel 80-V (D-S) MOSFET
More results

Similar Description - AM7483P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
P-Channel 80-V (D-S) MOSFET
30-Jul-07
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
P-Channel 80-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
P-Channel 80-V (D-S) MOSFET
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
P-Channel 80-V (D-S) MOSFET
02-Feb-09
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
P-Channel 80 V (D-S) MOSFET
20-May-2019
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
P-Channel 80 V (D-S) MOSFET
19-Oct-2020
SI7469DP VISHAY-SI7469DP_V01 Datasheet
307Kb / 13P
P-Channel 80-V (D-S) MOSFET
16-Feb-09
SUP60061EL VISHAY-SUP60061EL Datasheet
147Kb / 7P
P-Channel 80 V (D-S) MOSFET
25-Jan-2021
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
P-Channel 80 V (D-S) MOSFET
14-Feb-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com