Electronic Components Datasheet Search
  English  ▼

X  

AM7500C Datasheet(PDF) 2 Page - Analog Power

Part # AM7500C
Description  P & N-Channel 150-V (D-S)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7500C Datasheet(HTML) 2 Page - Analog Power

  AM7500C Datasheet HTML 1Page - Analog Power AM7500C Datasheet HTML 2Page - Analog Power AM7500C Datasheet HTML 3Page - Analog Power AM7500C Datasheet HTML 4Page - Analog Power AM7500C Datasheet HTML 5Page - Analog Power AM7500C Datasheet HTML 6Page - Analog Power AM7500C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM7500C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(N-ch)
1
V
VDS = VGS, ID = -250 uA (P-ch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 120 V, VGS = 0 V
(N-ch)
1
VDS = -120 V, VGS = 0 V
(P-ch)
-1
VDS = 5 V, VGS = 10 V
(N-ch)
1.3
A
VDS = -5 V, VGS = -10 V
(P-ch)
-0.9
A
VGS = 10 V, ID = 2.1 A
(N-ch)
255
VGS = 4.5 V, ID = 2.0 A
(N-ch)
290
VGS = -10 V, ID = -1.4 A
(P-ch)
500
VGS = -4.5 V, ID = -1.3 A (P-ch)
530
VDS = 15 V, ID = 2.1 A
(N-ch)
11
S
VDS = -15 V, ID = -1.4 A
(P-ch)
11
S
IS = 1.5 A, VGS = 0 V
(N-ch)
0.77
V
IS = -1.5 A, VGS = 0 V
(P-ch)
0.77
V
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
4.0
Gate-Drain Charge
Qgd
4.7
Total Gate Charge
Qg
6
Gate-Source Charge
Qgs
2.0
Gate-Drain Charge
Qgd
2.9
Turn-On Delay Time
td(on)
7
Rise Time
tr
7
Turn-Off Delay Time
td(off)
47
Fall Time
tf
20
Turn-On Delay Time
td(on)
8
Rise Time
tr
7
Turn-Off Delay Time
td(off)
96
Fall Time
tf
79
Input Capacitance
Ciss
1016
Output Capacitance
Coss
83
Reverse Transfer Capacitance
Crss
40
Input Capacitance
Ciss
1008
Output Capacitance
Coss
100
Reverse Transfer Capacitance
Crss
61
VGS(th)
uA
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 MHz
pF
nC
ID(on)
IDSS
rDS(on)
mΩ
mΩ
P - Channel
VDD = -75 V, RL = 53.6 Ω,
ID = -1.4 A,
VGEN = -10 V, RGEN = 6 Ω
ns
VSD
Dynamic
N - Channel
VDS = 75 V, VGS = 4.5 V, ID = 2.1 A
Forward Transconductance
gfs
Diode Forward Voltage
P - Channel
VDS = -75 V, VGS = -4.5 V,
ID = -1.4 A
nC
N - Channel
VDD = 75 V, RL = 35.7 Ω, ID = 2.1 A,
VGEN = 10 V, RGEN = 6 Ω
ns
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
pF
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
Static
Electrical Characteristics
Gate-Source Threshold Voltage
On-State Drain Current
© Preliminary
2
Publication Order Number:
DS_AM7500C_1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com