Electronic Components Datasheet Search
  English  ▼

X  

MPS404A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS404A
Description  Chopper Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS404A Datasheet(HTML) 2 Page - Motorola, Inc

  MPS404A Datasheet HTML 1Page - Motorola, Inc MPS404A Datasheet HTML 2Page - Motorola, Inc MPS404A Datasheet HTML 3Page - Motorola, Inc MPS404A Datasheet HTML 4Page - Motorola, Inc MPS404A Datasheet HTML 5Page - Motorola, Inc MPS404A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPS404A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –12 mAdc, VCE = –0.15 Vdc)
hFE
30
400
—
Collector – Emitter Saturation Voltage
(IC = –12 mAdc, IB = –0.4 mAdc)
(IC = –24 mAdc, IB = –1.0 mAdc)
VCE(sat)
—
—
–0.15
–0.2
Vdc
Base – Emitter Saturation Voltage
(IC = –12 mAdc, IB = –0.4 mAdc)
(IC = –24 mAdc, IB = –1.0 mAdc)
VBE(sat)
—
—
–0.85
–1.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Common–Base Cutoff Frequency
(IC = –1.0 mAdc, VCB = 6.0 Vdc)
fob
4.0
—
MHz
Output Capacitance
(VCB = –6.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
20
pF
–100
–80
–60
–40
–20
0
–100
–0.9
–0.82
–0.74
–0.66
–0.58
–0.50
IC, COLLECTOR CURRENT (mA)
IE, EMITTER CURRENT (mA)
Figure 1. Collector–Emitter Voltage
IC, COLLECTOR CURRENT (mA)
IE, EMITTER CURRENT (mA)
Figure 2. Base “On” Voltage
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20 –30
–50 –70
NORMAL MODE
INVERTED MODE
TJ = 25°C
VCE(sat) @ IC/IB = 10
VEC(sat) @ IE/IB = 2.0
IC/IB = 2.0
–100
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20 –30
–50 –70
NORMAL MODE
INVERTED MODE
TJ = 25°C
VBE(sat) @ IC/IB = 2
VBC(sat) @ IE/IB = 2
VBE(on) @ VCE = –1.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com