Electronic Components Datasheet Search
  English  ▼

X  

VR25 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic/High Voltage Metal Glaze Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 6 Page - Vishay Siliconix

  VR25_13 Datasheet HTML 1Page - Vishay Siliconix VR25_13 Datasheet HTML 2Page - Vishay Siliconix VR25_13 Datasheet HTML 3Page - Vishay Siliconix VR25_13 Datasheet HTML 4Page - Vishay Siliconix VR25_13 Datasheet HTML 5Page - Vishay Siliconix VR25_13 Datasheet HTML 6Page - Vishay Siliconix VR25_13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VR25
www.vishay.com
Vishay BCcomponents
Revision: 17-Aug-11
6
Document Number: 28732
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
12NC INFORMATION FOR HISTORICAL CODING REFERENCE
• The resistors have a 12-digit numeric code starting with
2322 241
• The subsequent:
first digit for 1 % tolerance products (E24 and E96 series)
or 2 digits for 5 % (E24 series) and 10 % (E12 series)
indicate the resistor type and packing.
• The remaining digits indicate the resistance value:
- The first 3 digits for 1 % or 2 digits for 5 and 10 %
tolerance products indicate the resistance value.
- The last digit indicates the resistance decade.
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC for a VR25, resistor value 7.5 M
,5 % tolerance,
supplied on a bandolier of 1000 units in ammopack, is:
2322 241 13755.
4.26
Active flammability
“cheese-cloth test”
Steps of: 5/10/16/25/40 x P70 duration
5min
No flaming of gauze cylinder
4.35
Passive flammability
“needle-flame test”
Application of test flame for 20 s
No ignition of product;
no ignition of under-layer;
burning time less than 30 s
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
RESISTANCE DECADE
LAST DIGIT
100 k
 to 976 k
4
1M
 to 9.76 M
5
 10 M
6
12NC - Resistor type and packaging
TYPE
TOL.
(%)
2322 241 .....
BANDOLIER IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
4000
UNITS
52 mm
26 mm
52 mm
52 mm
1000
UNITS
2000
UNITS
5000
UNITS
5000
UNITS
VR25
± 1
0....
8....
-
7....
6....
± 5
36...
13...
43...
53...
23...
± 10
38...
12...
42...
52...
22...



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com