Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 45Page - Microsemi Corporation A40MX02 Datasheet HTML 46Page - Microsemi Corporation A40MX02 Datasheet HTML 47Page - Microsemi Corporation A40MX02 Datasheet HTML 48Page - Microsemi Corporation A40MX02 Datasheet HTML 49Page - Microsemi Corporation A40MX02 Datasheet HTML 50Page - Microsemi Corporation A40MX02 Datasheet HTML 51Page - Microsemi Corporation A40MX02 Datasheet HTML 52Page - Microsemi Corporation A40MX02 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 45
CMOS Output Module Timing4
tDLH
Data-to-Pad HIGH
5.5
6.4
7.2
8.5
11.9
ns
tDHL
Data-to-Pad LOW
4.8
5.5
6.2
7.3
10.2
ns
tENZH
Enable Pad Z to HIGH
4.7
5.5
6.2
7.3
10.2
ns
tENZL
Enable Pad Z to LOW
6.8
7.9
8.9
10.5
14.7
ns
tENHZ
Enable Pad HIGH to Z
11.1
12.8
14.5
17.1
23.9
ns
tENLZ
Enable Pad LOW to Z
8.2
9.5
10.7
12.6
17.7
ns
dTLH
Delta LOW to HIGH
0.05
0.05
0.06
0.07
0.10
ns/pF
dTHL
Delta HIGH to LOW
0.03
0.03
0.04
0.04
0.06
ns/pF
Table 1-29 • A40MX02 Timing Characteristics (Nominal 3.3 V Operation) (continued)
(Worst-Case Commercial Conditions, VCC = 3.0 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min.
Max.
Min. Max. Min. Max. Min. Max. Min. Max. Units
Notes:
1. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
2. Set-up times assume fanout of 3. Further testing information can be obtained from the Timer utility.
3. The hold time for the DFME1A macro may be greater than 0 ns. Use the Timer tool from the Designer software to check
the hold time for this macro.
4. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com