Electronic Components Datasheet Search
  English  ▼

X  

E53-CKB Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC E53-CKB Datasheet HTML 10Page - Omron Electronics LLC E53-CKB Datasheet HTML 11Page - Omron Electronics LLC E53-CKB Datasheet HTML 12Page - Omron Electronics LLC E53-CKB Datasheet HTML 13Page - Omron Electronics LLC E53-CKB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--191
J SSR
Connection Example of Process Controller and SSR
+
--
+
--
Digital Controller
Voltage output
terminal
(for driving SSR)
Connectable
Load
Heater
Power supply
for load
Power SSR
SSR
E5jK-T
Process Controller with
Voltage Output
(12 VDC,
40 mA max.)
See the following table.
E5CK-T
Controller with
Voltage Output
(12 VDC,
20 mA max.)
INPUT
LOAD
Model
G3PA/G3PB
G3NA
G3NE
Appearance
SSRs
connected in par-
allel
E5AK-/E5EK-T:
8 pcs.
E5CK-T: 4 pcs.
E5AK-/E5EK-T:
5 pcs.
E5CK-T: 2 pcs.
E5AK-/E5EK-T: 2 pcs.
E5CK-T: 1 piece
Rated
input
voltage
5to24VDC
5to24VDC
12 VDC
Features
Thin, SSR with built-in heat sink;
1-phase and 3-phase models
Standard model with screw termi-
nals
Compact, low-cost model with tab
terminal
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com