Electronic Components Datasheet Search
  English  ▼

X  

627 Datasheet(PDF) 5 Page - Bi technologies

Part # 627
Description  .220??Small Outline
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627 Datasheet(HTML) 5 Page - Bi technologies

  627 Datasheet HTML 1Page - Bi technologies 627 Datasheet HTML 2Page - Bi technologies 627 Datasheet HTML 3Page - Bi technologies 627 Datasheet HTML 4Page - Bi technologies 627 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
Ordering Information
MIL-R-914 - Resistor Networks, Fixed, Film, Surface Mount Established Reliability General Specifications
MIL-STD-105 - Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 - Test Methods for Electronics and Electrical Component Parts
EIA-481 - Carrier Taping of Surface Mount Components for Automatic Handling
EIA-PDP-100 - SOGN-0002 Outline Dimensions
62 8 J 331 / 471 F TR4
Model
Number of Leads:
7 = 14 Leads
8 = 16 Leads
Circuit Type:
A = Isolated
B = Bussed
J = Dual Terminator
Standard Tape & Reel Packaging:
(No code used for magazines.)
Tolerance Code:
F = ±1%
(No code used for 2% Std.)
R2 Resistance Code:
(Add for J Circuit only.)
Resistance Code:
E12 & E24 Series: First two digits are significant.
Last digit denotes number of trailing zeros.
E96 Series: First three digits are significant.
Last digit denotes number of trailing zeros.
Applicable Documents



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com