Electronic Components Datasheet Search
  English  ▼

X  

2SC4672T100Q Datasheet(PDF) 2 Page - Rohm

Part # 2SC4672T100Q
Description  Low Frequency Transistor (50V, 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4672T100Q Datasheet(HTML) 2 Page - Rohm

  2SC4672T100Q Datasheet HTML 1Page - Rohm 2SC4672T100Q Datasheet HTML 2Page - Rohm 2SC4672T100Q Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4672
Transistors
Rev.C
2/2
Electrical characteristics curves
5
10
20
50
100
200
500
1000
2000
5000
1m 2m 5m 0.01 0.02 0.05 0.1 0.2
0.5 1
2
5
10
COLLECTOR CURRENT : IC
(A)
VCE=2V
Ta=100
°C
Ta=25
°C
Ta=
−40°C
Fig.2 DC current gain vs. collector current
Fig.4 Safe Operating area
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0.1
1m
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
0.2
0.5 1
2
5 10
20 50 100 200 500 1000
Ic Max. (Pulse∗)
DC
Pw=1ms∗
Pw=10ms∗
Pw
=100ms∗
Ta=25
°C
∗ Single
NONREPETITIVE
PULSE
1m 2m
0.01 0.02
0.05
5m
0.1 0.2
0.5 1
2
5
10
1
0.2
0.1
0.01
0.02
0.05
0.5
COLLECTOR CURRENT : IC
(A)
IC/IB=20
Ta=100
°C
Ta=25
°C
Ta=
−40°C
Fig.3 Collector-emitter saturation
voltage vs. collector current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
2m
5m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
BASE TO EMITTER VOLTAGE : VBE
(V)
VCE=
−2V
Fig.1 Grounded emitter propagation
characteristics
Ta=100
°C
Ta=25
°C
Ta=
−40°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com