Electronic Components Datasheet Search
  English  ▼

X  

2SC5161TLB Datasheet(PDF) 2 Page - Rohm

Part # 2SC5161TLB
Description  High voltage switching transistor (400V, 2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5161TLB Datasheet(HTML) 2 Page - Rohm

  2SC5161TLB Datasheet HTML 1Page - Rohm 2SC5161TLB Datasheet HTML 2Page - Rohm 2SC5161TLB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5161
Transistors
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Turn-on time
Storage time
Fall time
Emitter-base breakdown voltage
Base-emitter saturation voltage
Transition frequency
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
400
400
7
−
−
25
−
−
−
−
−
−
−
−
−
−
10
30
−
−
−
10
10
50
1
−
∗1
−
VIC
=50µA
IC
=1mA
IE
=50µA
VCB
=400V
VEB
=7V
VCE
=5V, IC=0.1A
IC/IB
=1A/0.2A
VCE
=10V,IE=−0.1A,f=5MHz
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
tON
−−
1IC
=0.8A, RL=250Ω
IB1
=−IB2=0.08A
VCC
200V
Refer to measurement circuit diagram
µs
tstg
−−
2.5
µs
tf
−−
1
µs
Typ.
Max.
Unit
Conditions
VBE(sat)
−−
1.5
IC/IB
=1A/0.2A
V
∗1 Measured using pulse current
!
!
!
!
Packaging specifications and hFE
Package name
Code
Taping
Basic ordering unit
(pieces)
TL
2500
B
hFE
2SC5161
Type
hFE values are classified as follows :
Item
B
hFE
25~50
!
!
!
!
Electrical characteristic curves
Fig.1 Grounded emitter propagation
characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
BASE TO EMITTER VOLTAGE : VBE
(V)
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
VCE
=5V
−25°C
Ta
=100°C
25
°C
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0
0.4
0.8
1.2
1.6
2.0
0246
8
10
IB
=10mA
20mA
40mA
60mA
80mA
120mA
180mA
Tc
=25°C
Fig.3 DC current gain vs.
collector current (
Ι )
0.01 0.02 0.05 0.1 0.2 0.5
1
2
5
10
COLLECTOR CURRENT : IC
(A)
1000
500
200
100
50
20
10
5
2
1
5V
VCE
=10V
Ta
=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com