Electronic Components Datasheet Search
  English  ▼

X  

BA2901F Datasheet(PDF) 17 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 17 Page - Rohm

Back Button BA2901F Datasheet HTML 13Page - Rohm BA2901F Datasheet HTML 14Page - Rohm BA2901F Datasheet HTML 15Page - Rohm BA2901F Datasheet HTML 16Page - Rohm BA2901F Datasheet HTML 17Page - Rohm BA2901F Datasheet HTML 18Page - Rohm BA2901F Datasheet HTML 19Page - Rohm BA2901F Datasheet HTML 20Page - Rohm BA2901F Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Technical Note
17/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Test Circuit 2: Switch Condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
Supply Current
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Output Sink Current
VOL=1.5[V]
OFF
ON
ON
OFF
OFF
OFF
ON
Saturation Voltage
IOL=4[mA]
OFF
ON
ON
OFF
ON
ON
OFF
Output Leakage Current
VOH=36[V]
OFF
ON
ON
OFF
OFF
OFF
ON
Response Time
RL=5.1[k
Ω], VRL=5[V]
ON
OFF
ON
ON
OFF
OFF
OFF
Fig.112 Test Circuit 2 (one channel only)
Fig.113 Response Time
SW1
SW2
SW3
-
+
SW5
SW6
SW7
A
V
A
VIN-
VIN+
VRL
RL
VOL/VOH
VCC
VEE
SW4
0V
+100mV
VIN
Tre (LOW to HIGH)
VCC/2
Output wave
VOUT
0V
VCC
Input wave
overdrive voltage
overdrive voltage
0V
-100mV
VIN
Output wave
Tre (HIGH to LOW)
VCC/2
VOUT
0V
VCC
Input wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com