Electronic Components Datasheet Search
  English  ▼

X  

SFH5711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5711
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5711 Datasheet HTML 1Page - OSRAM GmbH SFH5711 Datasheet HTML 2Page - OSRAM GmbH SFH5711 Datasheet HTML 3Page - OSRAM GmbH SFH5711 Datasheet HTML 4Page - OSRAM GmbH SFH5711 Datasheet HTML 5Page - OSRAM GmbH SFH5711 Datasheet HTML 6Page - OSRAM GmbH SFH5711 Datasheet HTML 7Page - OSRAM GmbH SFH5711 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
29.06.2006
page 3 of 8
light sensor. Figure 4 shows the spectral
sensitivity
of
a
standard
silicon
photo
transistor, an OSRAM ambient light sensor
of the first generation and the human eye (V-
lambda curve).
Figure
4:
Spectral
sensitivity
of
a
standard Si-detector and an ambient light
sensor (SFH 3410) compared to the
human eye
(V-lambda)
Because the IR portion of the spectral
sensitivity of the ambient light sensor is
greatly reduced compared to a standard Si-
detector (see Figure 4), it is less sensitive to
the effects of different lamps. Figure 5
shows the signals of the ambient light
sensor SFH 3410 received from different
lamps of the same brightness compared to
the signals of a standard Si-detector.
Figure 5: Signals received by a standard
Si-photo detector and the ambient light
sensor
SFH
3410
for
different
light
sources at the same brightness (500lx)
The difference of the signals indicates the
accuracy of the brightness measurement. In
the case of the standard Si-detector the
signals vary by more than a factor 8
between light bulb and fluorescent lamp.
This factor is reduced to 3 for the ambient
light sensor, which therefore provides a
much better accuracy for the brightness
measurement.
Measuring ambient light levels
(brightness)
Ambient light sensors are photo detectors.
They yield a photo current which is related to
the
illuminance.
In
most
cases,
the
correlation
between
photo
current
and
illuminance is linear
1. Figure 6 shows the
photo current – illuminance relationship for
the ambient light photo transistor SFH 3410.
The efficiency of the sensor describes the
amount of photo current the sensor yields for
a certain illuminance. In the example of
figure 6, the ambient light sensor yields a
photocurrent of 300
µA at 1000lx. Hence the
efficiency of the sensor is 0,3
µA/lx.
The efficiency of a photo detector depends
on
the
illuminance
under
which
it
is
operated. A change of the efficiency results
in a deviation from the photo current -
illuminance correlation. The linearity of a
detector describes the magnitude of this
deviation. Figure 7 shows the linearity for the
ambient
light
sensor
SFH
3410.
The
deviation from the linear correlation is < 5%
within a brightness range of 30lx … 100klx.
In lower light levels a correction might be
necessary.
1 OSRAM offers the high accuracy ambient light
sensor SFH 5711 with logarithmic output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com