Electronic Components Datasheet Search
  English  ▼

X  

SFH3711 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH3711
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3711 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH3711 Datasheet HTML 1Page - OSRAM GmbH SFH3711 Datasheet HTML 2Page - OSRAM GmbH SFH3711 Datasheet HTML 3Page - OSRAM GmbH SFH3711 Datasheet HTML 4Page - OSRAM GmbH SFH3711 Datasheet HTML 5Page - OSRAM GmbH SFH3711 Datasheet HTML 6Page - OSRAM GmbH SFH3711 Datasheet HTML 7Page - OSRAM GmbH SFH3711 Datasheet HTML 8Page - OSRAM GmbH SFH3711 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2012-08-17
2
Version 1.0
SFH 3711
Maximum Ratings (TA = 25 °C)
Grenzwerte
Characteristics (TA = 25 °C, λ = 950 nm)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 85
°C
Collector-emitter voltage
Kollektor-Emitter-Spannung
VCE
5.5
V
Collector current
Kollektorstrom
IC
20
mA
Emitter-collector voltage
Emitter-Kollektor-Spannung
VEC
0.5
V
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength of max. sensitivity
Wellenlänge der max. Fotoempfindlichkeit
λS max
570
nm
Spectral range of sensitivity
Spektraler Bereich der Fotoempfindlichkeit
λ10%
470 ... 670
nm
Light source dependency of the photocurrent
Abhängigkeit Photostrom von der Lichtquelle ( IPCE
(standard light A)/ IPCE (white LED), 1000lx)
typ.
0.98
rel.
Radiant sensitive area
Bestrahlungsempfindliche Fläche
A0.29
mm2
Dimensions of chip area
Abmessung der Chipfläche
L x W
0.75 x 0.75
mm x
mm
Half angle
Halbwinkel
ϕ
± 60
°
Capacitance
Kapazität
(VCE = 0 V, f = 1 MHz, E = 0)
CCE
4pF
Dark current
Dunkelstrom
(VCE = 5 V, E = 0)
ICE0
3 (≤ 50)
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com