Electronic Components Datasheet Search
  English  ▼

X  

PE4297 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4297
Description  N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4297 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4297 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4297 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4297 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD Hole
Configuration
Connector
N Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.67 [42.42]
Width/Dia., in [mm]
0.817 [20.75]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
N Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD
Hole PE4297
PE4297
PE4297 REV
N Female Bulkhead Connector Clamp/Solder
Attachment For RG59, RG62, .640 inch DD Hole


Similar Part No. - PE4297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
logo
Peregrine Semiconductor
PE42920 PSEMI-PE42920 Datasheet
947Kb / 13P
UltraCMOS Passive DDSPDT High-Isolation RF Switch 10 kHz-6 GHz
PE42920MLAA-Z PSEMI-PE42920MLAA-Z Datasheet
947Kb / 13P
UltraCMOS Passive DDSPDT High-Isolation RF Switch 10 kHz-6 GHz
More results

Similar Description - PE4297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44109 PASTERNACK-PE44109 Datasheet
236Kb / 2P
MHV Female Bulkhead Connector Clamp/ Solder Attachment For RG59, RG62
PE4697 PASTERNACK-PE4697 Datasheet
854Kb / 2P
RP TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4310 PASTERNACK-PE4310 Datasheet
228Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4139 PASTERNACK-PE4139 Datasheet
259Kb / 3P
N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4966 PASTERNACK-PE4966 Datasheet
228Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .720 inch D Hole
PE44098 PASTERNACK-PE44098 Datasheet
223Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .596 inch D Hole
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com