Electronic Components Datasheet Search
  English  ▼

X  

PE4371 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4371
Description  N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4371 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4371 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4371 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4371 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Connector Crimp/Solder Attachment For
RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640
inch DD Hole
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.69 [42.93]
Width/Dia., in [mm]
0.827 [21]
Weight, lbs [g]
0.096 [43.54]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223,
RG400, .640 inch DD Hole PE4371
PE4371
PE4371 REV


Similar Part No. - PE4371

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4371 PASTERNACK-PE4371 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43711A-Z PSEMI-PE43711A-Z Datasheet
636Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43712A-Z PSEMI-PE43712A-Z Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results

Similar Description - PE4371

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44100 PASTERNACK-PE44100 Datasheet
87Kb / 1P
MHV FEMALE CRIMP ATTACHMENT FOR RG55, RG141, RG142 RG223&RG400
PE44107 PASTERNACK-PE44107 Datasheet
85Kb / 1P
MHV FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44086 PASTERNACK-PE44086 Datasheet
92Kb / 1P
MINI UHF FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE4114 PASTERNACK-PE4114 Datasheet
317Kb / 2P
N Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44194 PASTERNACK-PE44194 Datasheet
211Kb / 2P
RT SMA Female Bulkhead Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44057 PASTERNACK-PE44057 Datasheet
88Kb / 1P
UHF FEMALE, CRIMP ATTACHMENT FOR RG55, RG141, RG142, RG223 & RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com