Electronic Components Datasheet Search
  English  ▼

X  

PE4378 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4378
Description  BNC Male Connector Crimp/Solder Attachment For RG213, RG8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4378 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4378 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4378 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Connector Crimp/Solder Attachment For RG213, RG8
BNC Male Connector Crimp/Solder Attachment For RG213, RG8
Configuration
Connector
BNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG213,RG8
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.37 [34.8]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-rg213-rg8-connector-pe4378-p.aspx
BNC Male Connector Crimp/Solder Attachment For RG213, RG8 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4378
PE4378 REV


Similar Part No. - PE4378

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4378 PASTERNACK-PE4378 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4378 PASTERNACK-PE4378_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4378

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4570 PASTERNACK-PE4570 Datasheet
110Kb / 1P
7/16 MALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com