Electronic Components Datasheet Search
  English  ▼

X  

SWRU348 Datasheet(PDF) 1 Page - Texas Instruments

Part # SWRU348
Description  CC2538 Evaluation Module Kit Quick Start Guide
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRU348 Datasheet(HTML) 1 Page - Texas Instruments

  SWRU348 Datasheet HTML 1Page - Texas Instruments SWRU348 Datasheet HTML 2Page - Texas Instruments SWRU348 Datasheet HTML 3Page - Texas Instruments SWRU348 Datasheet HTML 4Page - Texas Instruments SWRU348 Datasheet HTML 5Page - Texas Instruments SWRU348 Datasheet HTML 6Page - Texas Instruments SWRU348 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2013
Web sites:
www.ti.com/lprf
E2E Forum:
www.ti.com/lprf-forum
Make sure to subscribe to the Low-Power RF
Newsletter to receive information about updates to
documentation, new product releases, and more.
Sign up on the TI web pages.
CC2538 Evaluation Module Kit Quick Start Guide
Opening the Box and Running the Packet Error Rate Test
1. Kit Contents
2 x CC2538 Evaluation Modules (CC2538EM)
The EMK is an add-on kit to supplement the
CC2538DK with evaluation boards.
The RF boards in this kit are FCC and IC
certified and tested/comply with ETSI/R&TTE
over temperature from 0 to 35°C.
2. How to use the Modules
The CC2538EM boards can be plugged into the
SmartRF06
Evaluation
Board
from
Texas
Instruments. This board is included in the
CC2538DK and in the SmartRF06EBK.
This board lets you run a packet error rate (PER)
test, control the device from SmartRF™ Studio and
it can be used as a development platform.
It is also possible to connect the EM to other TI
development
boards
with
the
appropriate
connectors
This guide will show how to use the modules
together with SmartRF06EB.
3. CC2538EM Overview
4. Plug the EM into the 06EB
Insert
a
CC2538EM
board
into
the
SmartRF06EB as shown above. NB! Note the
jumper on the upper row on the header on
the CC2538EM.
Caution!
The kit contains ESD
sensitive components. Handle with
care to prevent permanent damage.
To minimize risk of injury, avoid
touching
components
during
operation if symbolized as hot.
5. Power Options
The CC2538EM should be powered through the
SmartRF06EB, which will supply a voltage from
2.1V to 3.6V to the daughter card. The
SmartRF06EB can be powered in several
different ways:
USB (5V)
2 x 1.5V AAA alkaline batteries
1 x 3.0V CR2032 coin cell battery
External regulated power supply
Voltage regulators on the SmartRF06EB will set
the on-board voltage to 2.1V or 3.3V.
Warning!
To minimize risk of injury or property
damage, never use rechargeable batteries to
power the board. Always select a power source
that is suitably rated for use with this EVM, not
exceeding 3.6 VDC, with a current output
rating between 0 and 500 mA.
6. Select Power Source
The power source is selected using the Source
switch on the left hand side of the SmartRF06EB.
In “USB” position, the EM is powered over USB,
running at 3.3V. In “BAT” position, the board is
powered from batteries or an external source,
running at 2.1V. The 2.1V regulator can be
bypassed by shorting the pins on the “regulator
bypass” jumper. In this case, the EM is powered
directly from the external source or batteries.
Note that there should only be one active
power source at any one time. Do not leave the
EVM powered when unattended.
7. Welcome Screen
Turn on power with the Main Power switch.
You should now see the Texas Instruments
logo and a short description of the buttons on
the LCD. Pushing any of the five buttons on
the board will take you to the main menu.
NB! If you don’t see anything on the screen
make sure the board is correctly powered
(see step 5 and 6 above).
8. Select Board and Channel
Start by selecting the plug-in board you have,
either the CC2538EM or the combo board
CC2538-CC2591EM.
Then select which channel (frequency) to use.
9. Select Mode
One of the boards must operate as a transmitter
and the other as a receiver.
Select transmitter on one board …
… and receiver on the other board.
The receiver does not require any further set-up
and is now ready to receive packets.
Power Select Jumper
1-2: Vdd from EB
1-3: Vdd from USB
Micro USB
connector for
testing USB on
CC2538
Emulator
LEDs
USB 5V to
3.3V LDO
10-pin
ARM Debug
Connector
20-pin
ARM-JTAG
Connector
PCB Antenna
Footprint for SMA connector
(for conducted RF testing)
CC2538
SWRU348


Similar Part No. - SWRU348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SWRU301A TI1-SWRU301A Datasheet
2Mb / 39P
Bluetooth짰 Low Energy CC2540 Development Kit
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
AIR BoosterPack Quick Start Guide
SWRU318 TI1-SWRU318 Datasheet
1Mb / 36P
CC2543-CC2544 Development Kit User?셲 Guide
More results

Similar Description - SWRU348

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN675 SILABS-AN675 Datasheet
593Kb / 2P
PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
logo
Texas Instruments
SWRU268A TI-SWRU268A Datasheet
287Kb / 3P
CC2530ZNP Mini Kit Quick Start Guide
logo
Cypress Semiconductor
PSOC3 CYPRESS-PSOC3 Datasheet
1Mb / 2P
PSoC 3 DEVELOPMENT KIT QUICK START GUIDE
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
Silicon Laboratories
QSG114 SILABS-QSG114 Datasheet
619Kb / 9P
CPT007B SLEX8007A Kit Quick- Start Guide
QSG115 SILABS-QSG115 Datasheet
615Kb / 10P
CPT112S SLEXP8008A Kit Quick-Start Guide
AN235 SILABS-AN235 Datasheet
999Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
AN346 SILABS-AN346 Datasheet
964Kb / 2P
Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
NXP Semiconductors
AN11842 NXP-AN11842 Datasheet
522Kb / 17P
BeagleBone Black SBC Kit Quick Start Guide
Rev. 1.0-18 May 2015
AN11844 NXP-AN11844 Datasheet
1Mb / 21P
PN7120 Arduino SBC Kit Quick Start Guide
Rev. 1.4-25 July 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com