Electronic Components Datasheet Search
  English  ▼

X  

ADN4661 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4661
Description  LVDS and M-LVDS Circuit Implementation Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661 Datasheet(HTML) 3 Page - Analog Devices

  ADN4661 Datasheet HTML 1Page - Analog Devices ADN4661 Datasheet HTML 2Page - Analog Devices ADN4661 Datasheet HTML 3Page - Analog Devices ADN4661 Datasheet HTML 4Page - Analog Devices ADN4661 Datasheet HTML 5Page - Analog Devices ADN4661 Datasheet HTML 6Page - Analog Devices ADN4661 Datasheet HTML 7Page - Analog Devices ADN4661 Datasheet HTML 8Page - Analog Devices ADN4661 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Application Note
AN-1177
Rev. 0 | Page 3 of 12
BUS TYPES AND TOPOLOGIES
Standard TIA/EIA-644 LVDS devices allow low power, high
speed communication. The advantages of LVDS can also
be applied to multipoint applications by using TIA/EIA-899
devices. Bus topology is one of the main factors relating to
which LVDS or M-LVDS devices are used in an application.
POINT-TO-POINT
Point-to-point bus topologies consist of a single driver and single
receiver connected together using one pair of wires or traces.
Figure 2 demonstrates a typical configuration, where the receiving
end of the link has a termination resistor. This is the most common
application for LVDS devices. Multiple pairs of wires or traces
can be used to create additional channels of communication and
increase total bandwidth between two points.
DOUT–
DOUT+
RIN–
RIN+
DIN
ROUT
RT
LVDS
DRIVER
LVDS
RECEIVER
Figure 2. LVDS Point-to-Point Link
Analog Devices, Inc., has a portfolio of LVDS drivers and receivers
for one, two or four LVDS channels as shown in Table 1. Unused
outputs should be left open circuit.
Table 1. LVDS Drivers and Receivers
Part No.
Tx
Rx
Part No.
Tx
Rx
ADN4661
1
0
ADN4665
4
0
ADN4662
0
1
ADN4666
0
4
ADN4663
2
0
ADN4667
4
0
ADN4664
0
2
ADN4668
0
4
M-LVDS can also be used in a point-to-point topology, where the
same transceiver device is used for the driver circuit (with receiver
disabled) and the receiving circuit (with driver disabled).
MULTI-DROP
A single driver can be connected to multiple receivers using
a multi-drop bus topology as shown in Figure 3. LVDS is
designed for point-to-point applications and so in a multi-drop
configuration, the number of receivers that can be connected
and the signaling distance can be limited. M-LVDS can be used
in a multi-drop topology to drive up to 32 nodes across longer
distances compared to LVDS.
DOUT–
DOUT+
RIN–
RIN+
DIN
ROUT
ROUT
RT
LVDS
DRIVER
LVDS
RECEIVERS
Figure 3. LVDS Multi-Drop Bus
MULTIPOINT
In networks where multiple devices can either send or receive,
a multipoint bus topology may be used. M-LVDS is designed
for such multi-point applications, allowing up to 32 nodes to
be connected to a single bus. There are two types of multipoint
buses, half-duplex and full duplex, shown in Figure 4 and
Figure 5, respectively. In a half-duplex bus, two wires are used
such that one device may transmit, and the other devices can
receive. In a full-duplex bus, four wires are used, allowing one
node to concurrently transmit back to another transmitting
node (that is, slave devices responding as broadcast commands
are sent by the master to all nodes).
B
A
B
A
DI
RO
DI
RO
RO
DI
RT
RT
MLVDS
TRANSCEIVERS
Figure 4. M-LVDS Half-Duplex Bus
Z
Y
Z
Y
B
A
B
A
DI
RO
DI
RO
RT
RT
RT
RT
MLVDS
TRANSCEIVERS
RO
DI
RO
DI
Figure 5. M-LVDS Full-Duplex Bus
Another factor to be considered in multipoint buses is the bus
idle condition. When no device is transmitting, the differential
voltage on a terminated bus will be close to 0 V. This means that
for a standard receiver with symmetrical input thresholds, the
receiver output will be undefined. This corresponds to the
Type 1 M-LVDS receivers with an input threshold of ±50 mV.
In order to provide a guaranteed receiver output state (output
low) in the bus idle condition, Type 2 M-LVDS receivers have
an offset receiver input threshold of +50 mV to +150 mV.
Table 2. M-LVDS Transceivers
Part No.
Rx Type
Duplex
Data Rate
ADN4690E
1
Half
100
ADN4691E
1
Half
200
ADN4692E
1
Full
100
ADN4693E
1
Full
200
ADN4694E
2
Half
100
ADN4695E
2
Full
100
ADN4696E
2
Half
200
ADN4697E
2
Full
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com