Electronic Components Datasheet Search
  English  ▼

X  

SP3491 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3491
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3491 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3491 Datasheet HTML 2Page - Exar Corporation SP3491 Datasheet HTML 3Page - Exar Corporation SP3491 Datasheet HTML 4Page - Exar Corporation SP3491 Datasheet HTML 5Page - Exar Corporation SP3491 Datasheet HTML 6Page - Exar Corporation SP3491 Datasheet HTML 7Page - Exar Corporation SP3491 Datasheet HTML 8Page - Exar Corporation SP3491 Datasheet HTML 9Page - Exar Corporation SP3491 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
PIN FUNCTION
VCC
D
R
A
B
Z
Y
R
GND
2
1
3
4
5
6
7
8
D
Pin  - Vcc - Positive supply +3.00V < Vcc < +3.60V
Pin 2 - R - Receiver output
Pin 3 - D - Driver input
Pin 4 - GND - Ground connection
Pin 5 - Y - Non-inverting driver output
Pin 6 - Z - Inverting driver output
Pin 7 - B - Inverting receiver Input
Pin 8 - A - Non-inverting receiver input
SP3490
Pin Function SP3490
VCC
D
R
NC
A
B
Z
Y
R
NC
NC
DE
REB
GND
GND
2
1
3
4
5
6
7
8
9
10
11
12
13
14
D
Pin  - NC - No connect
Pin 2 - R - Receiver output
Pin 3 - REB - Receiver cutput enable active LOW
Pin 4 - DE - Driver output enable active HIGH
Pin 5 - D - Driver input
Pin 6 - GND - Ground connection
Pin 7 - GND - Ground connection
Pin 8 - NC - No connect
Pin 9 - Y - Non-inverting driver output
Pin 0 - Z - Inverting driver output
Pin  - B - Inverting receiver Input
Pin 2 - A - Non-Inverting receiver input
Pin 3 - NC - No connect
Pin 4 - Vcc - Positive supply +3.00V < Vcc < +3.60V
SP3491
Pin Function SP3491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com