Electronic Components Datasheet Search
  English  ▼

X  

RL2010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RL2010
Description  LOW OHMIC CHIP RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RL2010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RL2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
3
9
SERIES
RL
0402 to 2512
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
ORDERING EXAMPLE
The ordering code of a RL0603 chip
resistor, value 0.56 X with ±1%
tolerance, supplied in tape of 5,000
units per reel is: 235051212567L or
RL0603FR-070R56L.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or specific
symbol can be printed
12NC CODE
2350 / 2390 / 2322 XXX XXXXX L
(1)
(2)
(3)
(4)
EMBOSSED (2)
TAPE ON REEL
PAPER/PE (2)
TAPE ON REEL (units)
SIZE TYPE
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
4,000
5,000
10,000
0402 LRC31
2350
±5% 0.05 to 1 Ω
-
-
513 20xxx
LRC32
2350
±1% 0.05 to 1 Ω
-
-
513 22xxx
0603 LRC21
2350
±5% 0.01 to 1 Ω
-
512 10xxx
-
LRC22
2350
±1% 0.01 to 1 Ω
-
512 12xxx
-
0805 LRC11
2350
±5% 0.01 to 1 Ω
-
511 10xxx
-
LRC12
2350
±1% 0.01 to 1 Ω
-
511 12xxx
-
1206 LRC01
2350
±5% 0.01 to 1 Ω
-
510 10xxx
-
LRC02
2350
±1% 0.01 to 1 Ω
-
510 12xxx
-
1210 LPRC101 2390
±5% 0.01 to 0.0976 Ω -
735 90xxx
-
LPRC101 2390
±5% 0.1 to 1 Ω
-
735 60xxx
-
LPRC102 2390
±1% 0.01 to 1 Ω
-
735 3xxxx
-
1218 LPRC201 2322
±5% 0.01 to 1 Ω
735 64xxx
-
-
LPRC201 2322
±1% 0.01 to 1 Ω
735 7xxxx
-
-
2010 LPRC111 2322
±5% 0.01 to 0.0976 Ω 760 90xxx
-
-
LPRC111 2322
±5% 0.1 to 1 Ω
760 60xxx
-
-
LPRC111 2322
±1% 0.01 to 0.0976 Ω 761 90xxx
-
-
LPRC111 2322
±1% 0.1 to 1 Ω
761 6xxxx
-
-
2512 LPRC221 2322
±5% 0.01 to 0.0976 Ω 762 90xxx
-
-
LPRC221 2322
±5% 0.1 to 1 Ω
762 60xxx
-
-
LPRC221 2322
±1% 0.01 to 0.0976 Ω 763 90xxx
-
-
LPRC221 2322
±1% 0.1 to 1 Ω
763 6xxxx
-
-
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 kX
2
10 to 97.6 kX
3
100 to 976 kX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 kX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with
2350/2390/2322.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and packaging.
(In 12NC code, only 07'' tape reel code is supplied. Supply of 10''/13'' tape
reel is requested in Global part number ordering code.)
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of “Last digit
of 12NC”.
(4) Letter L is system default code for order only (Note).
Letter H is Halogen / Lead free (special code on request).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com