Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 222 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 222 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 218Page - Microchip Technology 64GA110 Datasheet HTML 219Page - Microchip Technology 64GA110 Datasheet HTML 220Page - Microchip Technology 64GA110 Datasheet HTML 221Page - Microchip Technology 64GA110 Datasheet HTML 222Page - Microchip Technology 64GA110 Datasheet HTML 223Page - Microchip Technology 64GA110 Datasheet HTML 224Page - Microchip Technology 64GA110 Datasheet HTML 225Page - Microchip Technology 64GA110 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 222
 2010 Microchip Technology Inc.
FIGURE 20-2:
CRC SHIFT ENGINE DETAIL
20.1
User Interface
20.1.1
DATA INTERFACE
To start serial shifting, a ‘1’ must be written to the
CRCGO bit.
The module incorporates a FIFO that is 8 deep when
PLEN<3:0> (CRCCON<3:0>) > 7 and 16 deep, other-
wise. The data for which the CRC is to be calculated
must first be written into the FIFO. The smallest data
element that can be written into the FIFO is one byte.
For example, if PLEN = 5, then the size of the data is
PLEN + 1 = 6. When loading data, the two MSbs of the
data byte are ignored.
Once data is written into the CRCWDAT MSb (as
defined by PLEN), the value of VWORD<4:0>
(CRCCON<12:8>)
increments
by
one.
When
CRCGO = 1 and VWORD > 0, a word of data to be
shifted is moved from the FIFO into the shift engine.
When the data word moves from the FIFO to the shift
engine, the VWORD bits decrement by one. The serial
shifter continues to receive data from the FIFO, shifting
until the VWORD bits reach 0. The last bit of data will
be shifted through the CRC module (PLEN + 1)/2 clock
cycles after the VWORD bits reach 0. This is when the
module is completed with the CRC calculation.
Therefore, for a given value of PLEN, it will take
(PLEN + 1)/2 * VWORD number of clock cycles to
complete the CRC calculations.
When VWORD<4:0> reach 8 (or 16), the CRCFUL bit
will be set. When VWORD<4:0> reach 0, the CRCMPT
bit will be set.
To continually feed data into the CRC engine, the
recommended mode of operation is to initially “prime”
the FIFO with a sufficient number of words so no inter-
rupt is generated before the next word can be written.
Once that is done, start the CRC by setting the CRCGO
bit to ‘1’. From that point onward, the VWORD bits
should be polled. If they read less than 8 or 16, another
word can be written into the FIFO.
To empty words already written into a FIFO, the
CRCGO bit must be set to ‘1’ and the CRC shifter
allowed to run until the CRCMPT bit is set.
Also, to get the correct CRC reading, it will be
necessary to wait for the CRCMPT bit to go high before
reading the CRCWDAT register.
If a word is written when the CRCFUL bit is set, the
VWORD Pointer will roll over to 0. The hardware will
then behave as if the FIFO is empty. However, the con-
dition to generate an interrupt will not be met; therefore,
no interrupt will be generated (See Section 20.1.2
“Interrupt Operation”
).
At least one instruction cycle must pass after a write to
CRCWDAT before a read of the VWORD bits is done.
20.1.2
INTERRUPT OPERATION
When the VWORD<4:0> bits make a transition from a
value of ‘1’ to ‘0’, an interrupt will be generated. Note
that the CRC calculation is not complete at this point;
an additional time of (PLEN + 1)/2 clock cycles is
required before the output can be read.
20.2
Operation in Power Save Modes
20.2.1
SLEEP MODE
If Sleep mode is entered while the module is operating,
the module will be suspended in its current state until
clock execution resumes.
20.2.2
IDLE MODE
To continue full module operation in Idle mode, the
CSIDL bit must be cleared prior to entry into the mode.
If CSIDL = 1, the module will behave the same way as
it does in Sleep mode; pending interrupt events will be
passed on, even though the module clocks are not
available.
CRCWDAT
Bit 0
Bit 1
Bit n(2)
X(1)(1)
Read/Write Bus
Shift Buffer
Data
Bit 2
X(2)(1)
X(n)(1)
Note 1:
Each XOR stage of the shift engine is programmable. See text for details.
2:
Polynomial length n is determined by ([PLEN<3:0>] + 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com