Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 35 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 35 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 31Page - Microchip Technology 64GA110 Datasheet HTML 32Page - Microchip Technology 64GA110 Datasheet HTML 33Page - Microchip Technology 64GA110 Datasheet HTML 34Page - Microchip Technology 64GA110 Datasheet HTML 35Page - Microchip Technology 64GA110 Datasheet HTML 36Page - Microchip Technology 64GA110 Datasheet HTML 37Page - Microchip Technology 64GA110 Datasheet HTML 38Page - Microchip Technology 64GA110 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 35
PIC24FJ256GA110 FAMILY
4.0
MEMORY ORGANIZATION
As Harvard architecture devices, PIC24F micro-
controllers feature separate program and data memory
spaces and busses. This architecture also allows the
direct access of program memory from the data space
during code execution.
4.1
Program Address Space
The program address memory space of the
PIC24FJ256GA110 family devices is 4M instructions.
The space is addressable by a 24-bit value derived
from either the 23-bit Program Counter (PC) during pro-
gram execution, or from table operation or data space
remapping, as described in Section 4.3 “Interfacing
Program and Data Memory Spaces”
.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations which use TBLPAG<7> to permit access to
the Configuration bits and Device ID sections of the
configuration memory space.
Memory maps for the PIC24FJ256GA110 family of
devices are shown in Figure 4-1.
FIGURE 4-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FJ256GA110 FAMILY DEVICES
000000h
0000FEh
000002h
000100h
F8000Eh
F80010h
FEFFFEh
FFFFFFh
000004h
000200h
0001FEh
000104h
Reset Address
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ128GA1XX
Flash Config Words
Note:
Memory areas are not shown to scale.
Reset Address
Device Config Registers
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ192GA1XX
FF0000h
F7FFFEh
F80000h
Device Config Registers
800000h
7FFFFFh
Reserved
Reserved
Flash Config Words
02AC00h
02ABFEh
Unimplemented
Read ‘0’
Unimplemented
Read ‘0’
Reset Address
Device Config Registers
User Flash
Program Memory
(87K instructions)
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ256GA1XX
Reserved
Flash Config Words
Unimplemented
Read ‘0’
015800h
0157FEh
020C00h
020BFEh
User Flash
Program Memory
(67K instructions)
User Flash
Program Memory
(44K instructions)
Reset Address
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ64GA1XX
Flash Config Words
Device Config Registers
Reserved
Unimplemented
Read ‘0’
User Flash
Program Memory
(22K instructions)
00ABFEh
00AC00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com