Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 237 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 237 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 233Page - Microchip Technology 64GA110 Datasheet HTML 234Page - Microchip Technology 64GA110 Datasheet HTML 235Page - Microchip Technology 64GA110 Datasheet HTML 236Page - Microchip Technology 64GA110 Datasheet HTML 237Page - Microchip Technology 64GA110 Datasheet HTML 238Page - Microchip Technology 64GA110 Datasheet HTML 239Page - Microchip Technology 64GA110 Datasheet HTML 240Page - Microchip Technology 64GA110 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 237
PIC24FJ256GA110 FAMILY
REGISTER 22-1:
CMxCON: COMPARATOR x CONTROL REGISTERS
(COMPARATORS 1 THROUGH 3)
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R-0
CEN
COE
CPOL
—
—
—
CEVT
COUT
bit 15
bit 8
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
EVPOL1
EVPOL0
—
CREF
—
—
CCH1
CCH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CEN:
Comparator Enable bit
1
= Comparator is enabled
0
= Comparator is disabled
bit 14
COE:
Comparator Output Enable bit
1
= Comparator output is present on the CxOUT pin.
0
= Comparator output is internal only
bit 13
CPOL:
Comparator Output Polarity Select bit
1
= Comparator output is inverted
0
= Comparator output is not inverted
bit 12-10
Unimplemented:
Read as ‘0’
bit 9
CEVT:
Comparator Event bit
1
= Comparator event defined by EVPOL<1:0> has occurred; subsequent triggers and interrupts are
disabled until the bit is cleared
0
= Comparator event has not occurred
bit 8
COUT:
Comparator Output bit
When CPOL = 0:
1
=VIN+ > VIN-
0
=VIN+ < VIN-
When CPOL = 1:
1
=VIN+ < VIN-
0
=VIN+ > VIN-
bit 7-6
EVPOL<1:0>:
Trigger/Event/Interrupt Polarity Select bits
11
= Trigger/event/interrupt generated on any change of the comparator output (while CEVT = 0)
10
= Trigger/event/interrupt generated on transition of the comparator output:
If CPOL = 0 (non-inverted polarity):
High-to-low transition only.
If CPOL = 1 (inverted polarity):
Low-to-high transition only.
01
= Trigger/Event/Interrupt generated on transition of comparator output:
If CPOL = 0 (non-inverted polarity):
Low-to-high transition only.
If CPOL = 1 (inverted polarity):
High-to-low transition only.
00
= Trigger/event/interrupt generation is disabled
bit 5
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com