Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 128 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 128 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 124Page - Microchip Technology 64GA110 Datasheet HTML 125Page - Microchip Technology 64GA110 Datasheet HTML 126Page - Microchip Technology 64GA110 Datasheet HTML 127Page - Microchip Technology 64GA110 Datasheet HTML 128Page - Microchip Technology 64GA110 Datasheet HTML 129Page - Microchip Technology 64GA110 Datasheet HTML 130Page - Microchip Technology 64GA110 Datasheet HTML 131Page - Microchip Technology 64GA110 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 128
 2010 Microchip Technology Inc.
10.1.1
OPEN-DRAIN CONFIGURATION
In addition to the PORT, LAT and TRIS registers for
data control, each port pin can also be individually con-
figured for either digital or open-drain output. This is
controlled by the Open-Drain Control register, ODCx,
associated with each port. Setting any of the bits con-
figures the corresponding pin to act as an open-drain
output.
The open-drain feature allows the generation of
outputs higher than VDD (e.g., 5V) on any desired
digital only pins by using external pull-up resistors. The
maximum open-drain voltage allowed is the same as
the maximum VIH specification.
10.2
Configuring Analog Port Pins
The AD1PCFGL and TRIS registers control the opera-
tion of the A/D port pins. Setting a port pin as an analog
input also requires that the corresponding TRIS bit be
set. If the TRIS bit is cleared (output), the digital output
level (VOH or VOL) will be converted.
When reading the PORT register, all pins configured as
analog input channels will read as cleared (a low level).
Pins configured as digital inputs will not convert an
analog input. Analog levels on any pin that is defined as
a digital input (including the ANx pins) may cause the
input buffer to consume current that exceeds the
device specifications.
10.2.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically, this instruction
would be a NOP.
10.2.2
ANALOG INPUT PINS AND
VOLTAGE CONSIDERATIONS
The voltage tolerance of pins used as device inputs is
dependent on the pin’s input function. Pins that are used
as digital only inputs are able to handle DC voltages up
to 5.5V, a level typical for digital logic circuits. In contrast,
pins that also have analog input functions of any kind
can only tolerate voltages up to VDD. Voltage excursions
beyond VDD on these pins are always to be avoided.
Table 10-1 summarizes the input capabilities. Refer to
Section 28.1 “DC Characteristics”
for more details.
TABLE 10-1:
INPUT VOLTAGE LEVELS(1)
EXAMPLE 10-1:
PORT WRITE/READ EXAMPLE
Note:
For easy identification, the pin diagrams at
the beginning of this data sheet also
indicate 5.5V tolerant pins with dark grey
shading.
Port or Pin
Tolerated
Input
Description
PORTA<10:9>
VDD
Only VDD input
levels tolerated.
PORTB<15:0>
PORTC<15:12>
PORTD<7:6>
PORTF<0>
PORTG<9:6>
PORTA<15:14>,
PORTA<7:0>
5.5V
Tolerates input
levels above
VDD, useful for
most standard
logic.
PORTC<4:1>
PORTD<15:8>,
PORTD<5:0>
PORTE<9:0>
PORTF<13:12>,
PORTF<8:1>
PORTG<15:12>,
PORTG<3:0>
Note 1:
Not all port pins shown here are imple-
mented on 64-pin and 80-pin devices.
Refer to Section 1.0 “Device Overview”
to confirm which ports are available in
specific devices.
MOV
0xFF00, W0
; Configure PORTB<15:8> as inputs
MOV
W0, TRISB
; and PORTB<7:0> as outputs
NOP
; Delay 1 cycle
BTSS
PORTB, #13
; Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com