Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 138 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 138 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 134Page - Microchip Technology 64GA110 Datasheet HTML 135Page - Microchip Technology 64GA110 Datasheet HTML 136Page - Microchip Technology 64GA110 Datasheet HTML 137Page - Microchip Technology 64GA110 Datasheet HTML 138Page - Microchip Technology 64GA110 Datasheet HTML 139Page - Microchip Technology 64GA110 Datasheet HTML 140Page - Microchip Technology 64GA110 Datasheet HTML 141Page - Microchip Technology 64GA110 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 138
 2010 Microchip Technology Inc.
REGISTER 10-7:
RPINR8: PERIPHERAL PIN SELECT INPUT REGISTER 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
IC4R5
IC4R4
IC4R3
IC4R2
IC4R1
IC4R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
IC3R5
IC3R4
IC3R3
IC3R2
IC3R1
IC3R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13-8
IC4R<5:0>:
Assign Input Capture 4 (IC4) to Corresponding RPn or RPIn Pin bits
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
IC3R<5:0>:
Assign Input Capture 3 (IC3) to Corresponding RPn or RPIn Pin bits
REGISTER 10-8:
RPINR9: PERIPHERAL PIN SELECT INPUT REGISTER 9
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
IC6R5
IC6R4
IC6R3
IC6R2
IC6R1
IC6R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
IC5R5
IC5R4
IC5R3
IC5R2
IC5R1
IC5R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13-8
IC6R<5:0>:
Assign Input Capture 6 (IC6) to Corresponding RPn or RPIn Pin bits
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
IC5R<5:0>:
Assign Input Capture 5 (IC5) to Corresponding RPn or RPIn Pin bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com