Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 165 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 165 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 161Page - Microchip Technology 64GA110 Datasheet HTML 162Page - Microchip Technology 64GA110 Datasheet HTML 163Page - Microchip Technology 64GA110 Datasheet HTML 164Page - Microchip Technology 64GA110 Datasheet HTML 165Page - Microchip Technology 64GA110 Datasheet HTML 166Page - Microchip Technology 64GA110 Datasheet HTML 167Page - Microchip Technology 64GA110 Datasheet HTML 168Page - Microchip Technology 64GA110 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 165
PIC24FJ256GA110 FAMILY
REGISTER 13-1:
ICxCON1: INPUT CAPTURE x CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
ICSIDL
ICTSEL2
ICTSEL1
ICTSEL0
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R-0, HCS
R-0, HCS
R/W-0
R/W-0
R/W-0
—
ICI1
ICI0
ICOV
ICBNE
ICM2(1)
ICM1(1)
ICM0(1)
bit 7
bit 0
Legend:
HCS = Hardware Clearable/Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
ICSIDL:
Input Capture x Module Stop in Idle Control bit
1
= Input capture module halts in CPU Idle mode
0
= Input capture module continues to operate in CPU Idle mode
bit 12-10
ICTSEL<2:0>:
Input Capture Timer Select bits
111
= System clock (FOSC/2)
110
= Reserved
101
= Reserved
100
= Timer1
011
= Timer5
010
= Timer4
001
= Timer2
000
= Timer3
bit 9-7
Unimplemented:
Read as ‘0’
bit 6-5
ICI<1:0>:
Select Number of Captures per Interrupt bits
11
= Interrupt on every fourth capture event
10
= Interrupt on every third capture event
01
= Interrupt on every second capture event
00
= Interrupt on every capture event
bit 4
ICOV:
Input Capture x Overflow Status Flag bit (read-only)
1
= Input capture overflow occurred
0
= No input capture overflow occurred
bit 3
ICBNE:
Input Capture x Buffer Empty Status bit (read-only)
1
= Input capture buffer is not empty, at least one more capture value can be read
0
= Input capture buffer is empty
bit 2-0
ICM<2:0>:
Input Capture Mode Select bits(1)
111
= Interrupt mode: Input capture functions as interrupt pin only when device is in Sleep or Idle mode
(rising edge detect only, all other control bits are not applicable)
110
= Unused (module disabled)
101
= Prescaler Capture mode: Capture on every 16th rising edge
100
= Prescaler Capture mode: Capture on every 4th rising edge
011
= Simple Capture mode: Capture on every rising edge
010
= Simple Capture mode: Capture on every falling edge
001
= Edge Detect Capture mode: Capture on every edge (rising and falling), ICI<1:0> bits do not
control interrupt generation for this mode
000
= Input capture module turned off
Note 1:
The ICx input must also be configured to an available RPn pin. For more information, see Section 10.4
“Peripheral Pin Select”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com