Electronic Components Datasheet Search
  English  ▼

X  

036RSP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 036RSP
Description  Aluminum Capacitors Radial Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

036RSP Datasheet(HTML) 4 Page - Vishay Siliconix

  036RSP Datasheet HTML 1Page - Vishay Siliconix 036RSP Datasheet HTML 2Page - Vishay Siliconix 036RSP Datasheet HTML 3Page - Vishay Siliconix 036RSP Datasheet HTML 4Page - Vishay Siliconix 036RSP Datasheet HTML 5Page - Vishay Siliconix 036RSP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
036 RSP
www.vishay.com
Vishay BCcomponents
Revision: 26-Apr-13
4
Document Number: 28312
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 7 - Typical multiplier of capacitance
as a function of ambient temperature
IMPEDANCE (Z)
Fig. 8 - Typical impedance as a function of frequency
Fig. 9 - Typical impedance as a function of frequency
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min
UR = 6.3 V to 100 V
IL1  0.006 CR x UR + 3 μA
UR = 160 V
IL1  0.1 CR x UR + 40 μA
After 5 min
UR = 6.3 V to 100 V
IL5  0.001 CR x UR + 3 μA
UR = 160 V
IL5  0.015 CR x UR + 10 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L = 5 mm x 11 mm
Typ. 13 nH
Case Ø D x L = 8.2 mm x 11 mm
Typ. 16 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2 f C
R
0.5
- 60
- 40
- 20
0
20
40
60
80
T
amb (°C)
0.6
0.7
0.8
0.9
1.0
1.1
2
1
3
4
5
1
5
C
0
C
Curve 1: 63 V
Curve 2: 50 V
Curve 3: 35 V; 40 V; 100 V; 160 V
Curve 4: 16 V; 25 V
Curve 5: 6.3 V; 10 V
C
0 = Capacitance at 20 °C, 100 Hz
0.5
10
5
10
4
10
3
10
2
10
0.6
0.7
0.8
0.9
1.0
1.1
2
1
3
4
6
5
7
f (Hz)
C
0
C
Curve 1: 63 V (2.2 µF)
Curve 2: 63 V (> 2.2 µF)
Curve 3: 50 V
Curve 4: 35 V; 40 V; 100 V; 160 V
Curve 5: 25 V
Curve 6: 16 V
Curve 7: 6.3 V; 10 V
C
0 = Capacitance at 20 °C, 100 Hz
T
amb = 20 °C
106
105
104
103
102
103
10
1
102
Z
(
Ω)
1
2
3
4
5
6
7
8
9
10
11
12
f (Hz)
Curve 1: 2.2 µF
Curve 2: 3.3 µF
Curve 3: 4.7 µF
Curve 4: 6.8 µF
Curve 5: 10 µF
Curve 6: 15 µF
Curve 7: 22 µF
Curve 8: 33 µF
Curve 9: 47 µF
Curve 10: 68 µF
Curve 11: 100 µF
Curve 12: 150 µF
Case Ø D x L = 5 mm x 11 mm
T
amb = 20 °C
10
6
10
5
10
4
10
3
10
2
10
3
10
1
10
2
Z
(
Ω)
f (Hz)
6
5
7
8
10
9
11
12
13
Curve 1: 2.2 µF
Curve 2: 4.7 µF
Curve 3: 10 µF, 100 V
Curve 4: 10 µF, 63 V
Curve 5: 22 µF, 63 V
Curve 6: 33 µF
Curve 7: 47 µF
Curve 8: 68 µF
Curve 9: 100 µF
Curve 10: 150 µF
Curve 11: 220 µF
Curve 12: 330 µF
Curve 13: 470 µF
1
2
3
4
5
6
7
8
9
10
11
12
13
Case Ø D x L = 8.2 mm x 11 mm
T
amb = 20 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com