Electronic Components Datasheet Search
  English  ▼

X  

94SVPD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 94SVPD
Description  SMD Aluminum Solid Capacitors with Conductive Polymer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SVPD Datasheet(HTML) 3 Page - Vishay Siliconix

  94SVPD Datasheet HTML 1Page - Vishay Siliconix 94SVPD Datasheet HTML 2Page - Vishay Siliconix 94SVPD Datasheet HTML 3Page - Vishay Siliconix 94SVPD Datasheet HTML 4Page - Vishay Siliconix 94SVPD Datasheet HTML 5Page - Vishay Siliconix 94SVPD Datasheet HTML 6Page - Vishay Siliconix 94SVPD Datasheet HTML 7Page - Vishay Siliconix 94SVPD Datasheet HTML 8Page - Vishay Siliconix 94SVPD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
94SVPD
www.vishay.com
Vishay OS-CON
Revision: 03-Aug-12
3
Document Number: 90022
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FREQUENCY CHARACTERISTICS
FREQUENCY (kHz)
0.12
0.5
1
10
100
500
1000
5000
10 000
94SVPD106X0025C6
IMPEDANCE (
)
127.769
31.001
15.608
1.612
0.176
0.046
0.032
0.093
0.179
94SVPD106X0025C6
ESR (
)
1.303
0.482
0.306
0.081
0.044
0.035
0.032
0.033
0.040
94SVPD186X0035F8
IMPEDANCE (
)
72.87
17.781
8.955
0.918
0.096
0.023
0.037
0.200
0.397
94SVPD186X0035F8
ESR (
)
1.681
0.333
0.179
0.043
0.027
0.023
0.023
0.026
0.034
94SVPD476X0035F12
IMPEDANCE (
)
30.178
7.389
3.725
0.392
0.05
0.016
0.025
0.134
0.266
94SVPD476X0035F12
ESR (
)
0.852
0.206
0.121
0.045
0.023
0.016
0.014
0.017
0.023
94SVPD826X0025F12
IMPEDANCE (
)
16.736
4.096
2.074
0.229
0.029
0.014
0.028
0.144
0.285
94SVPD826X0025F12
ESR (
)
0.339
0.135
0.094
0.033
0.015
0.011
0.011
0.014
0.019
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10 000
Frequency (kHz)
5
1
7
4
6
2
8
3
Curve 1: 94SVPD476X0035F12 Impedance (
Ω)
Curve 2: 94SVPD476X0035F12 ESR (
Ω)
Curve 3: 94SVPD186X0035F8 Impedance (
Ω)
Curve 4: 94SVPD186X0035F8 ESR (
Ω)
Curve 5: 94SVPD106X0025C6 Impedance (
Ω)
Curve 6: 94SVPD106X0025C6 ESR (
Ω)
Curve 7: 94SVPD826X0025F12 Impedance (
Ω)
Curve 8: 94SVPD826X0025F12 ESR (
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com