Electronic Components Datasheet Search
  English  ▼

X  

120ATC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 120ATC
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

120ATC Datasheet(HTML) 2 Page - Vishay Siliconix

  120ATC Datasheet HTML 1Page - Vishay Siliconix 120ATC Datasheet HTML 2Page - Vishay Siliconix 120ATC Datasheet HTML 3Page - Vishay Siliconix 120ATC Datasheet HTML 4Page - Vishay Siliconix 120ATC Datasheet HTML 5Page - Vishay Siliconix 120ATC Datasheet HTML 6Page - Vishay Siliconix 120ATC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
120 ATC
www.vishay.com
Vishay BCcomponents
Revision: 13-Dec-12
2
Document Number: 28336
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form BR
Fig. 3 - Form AA
Table 1
Notes
(1) Lead diameter Ø d = 1.0 mm, available on request.
• For detailed tape dimensions, please see www.vishay.com/doc?28361.
Fig. 4 - Mounting hole diagram and outline; form MR: With mounting ring and pins
Table 2
73 ± 1.6
Ø D
Ø d
L
F
Form BR: Taped on reel
Case Ø D x L = 6.5 mm x 18 mm to 15 mm x 30 mm
Form AA: Axial in box
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
33 ± 1
Ø D
Ø d
I
L
F
AXIAL; DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
(mm)
AXIAL: FORM AA AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø d (1)
IØ Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BR
10 x 30
0.8
55 ± 1
10.5
30.5
35
4.8
340
500
12.5 x 30
0.8
55 ± 1
13.0
30.5
35
7.4
260
400
15 x 30
0.8
55 ± 1
15.5
30.5
35
11.7
200
250
18 x 30
0.8
55 ± 1
18.5
30.5
35
 12.9
120
-
18 x 38
0.8
34 ± 1
18.5
39.5
44
 19.0
125
-
21 x 38
0.8
34 ± 1
21.5
39.5
44
24.0
100
-
MOUNTING RING; DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø Dmax.
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
 8.6
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
 11.5
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
 14.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
 19.2
100
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
Case Ø D x L = 15 mm x 30 mm to 21 mm x 38 mm
Especially for applications with severe shocks and vibrations
Ø d1
D
L
Ø D2
1
+ 1.0
- 0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com