Electronic Components Datasheet Search
  English  ▼

X  

160CLA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 3 Page - Vishay Siliconix

  160CLA Datasheet HTML 1Page - Vishay Siliconix 160CLA Datasheet HTML 2Page - Vishay Siliconix 160CLA Datasheet HTML 3Page - Vishay Siliconix 160CLA Datasheet HTML 4Page - Vishay Siliconix 160CLA Datasheet HTML 5Page - Vishay Siliconix 160CLA Datasheet HTML 6Page - Vishay Siliconix 160CLA Datasheet HTML 7Page - Vishay Siliconix 160CLA Datasheet HTML 8Page - Vishay Siliconix 160CLA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 23-Apr-13
3
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
Note
• Detailed tape dimensions see section “PACKAGING”
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print
layout and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig. 3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
component during processing.
For maximum conditions refer to Fig. 4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
As a general principle, temperature and duration shall be the
minimum necessary required to ensure good soldering
connections. However, the specified maximum curves
should never be exceeded.
Fig. 3 - Recommended soldering pad dimensions
Table 3
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE
THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
12.5 x 12.5 x 13
1213
20
24
16.2
380
250
12.5 x 12.5 x 16
1216
24
32
18.5
380
200
16 x 16 x 16
1616
28
44
18.9
380
150
16 x 16 x 21
1621
28
44
23.4
380
100
18 x 18 x 16
1816
32
44
18.9
380
125
18 x 18 x 21
1821
32
44
23.4
380
100
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
d
e
f
1213
6.3
2.5
4.0
4.2
5.0
5.6
1216
6.3
2.5
4.0
4.2
5.0
5.6
1616
7.8
9.6
4.7
-
-
-
1621
7.8
9.6
4.7
-
-
-
1816
8.8
9.6
4.7
-
-
-
1821
8.8
9.6
4.7
-
-
-
aa
c
b
e
d
f
d
Case size Ø D = 12.5 mm
Case size Ø D
≥ 16 mm
a
a
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com