Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 196DLC
Description  Double Layer Aluminum Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 6 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 14-Mar-12
6
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
TEST PROCEDURES AND REQUIREMENTS for standard and vertical miniaturized series (5.5 V; 70 °C)
NAME OF TEST
IEC 60384-4/
EN130300
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS
Robustness of
terminations
4.4
Tensile strength; application of loading force for 10 s:
No breaks
20 N (standard series)
5 N (vertical miniaturized series)
Resistance to
soldering heat
4.5
Solder bath; 260 °C; 5 s
C/C: ± 10 %
RI and IL  spec. limit
Solderability
4.6
Solder bath; 235 °C; 2 s
 75 % tinning
Vibration
4.8
10 Hz to 55 Hz; 1.5 mm; 3 directions;
2 h per direction
C/C: ± 10 %
RI and IL  spec. limit
Damp heat,
steady state
4.12
500 h at 55 °C; RH 90 % to 95 %;
no voltage applied
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Endurance
4.13
Tamb =70°C; 5.5V applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Storage at upper
category temperature
4.17
Tamb =70°C;
no voltage applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Self discharge
-
24 h storage at room temperature after application
of 5V for 1h
Remaining voltage:
 4V
Characteristics at high
and low temperature
4.19
Step 1: reference measurement
at + 20 °C of C, RI and IL
Step 2: measurement at - 25 °C
Step 3: measurement at + 20 °C
Step 4: measurement at + 70 °C
Step 5: measurement at + 20 °C
C/C: ± 30 % of + 20 °C value
RI  5x the + 20 °C value
IL  4x the+ 20 °C value



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com