Electronic Components Datasheet Search
  English  ▼

X  

EBC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 5 Page - Vishay Siliconix

  EBC_13 Datasheet HTML 1Page - Vishay Siliconix EBC_13 Datasheet HTML 2Page - Vishay Siliconix EBC_13 Datasheet HTML 3Page - Vishay Siliconix EBC_13 Datasheet HTML 4Page - Vishay Siliconix EBC_13 Datasheet HTML 5Page - Vishay Siliconix EBC_13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Not For New Design
EBC
www.vishay.com
Vishay Roederstein
Revision: 22-Jan-13
5
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LIFETIME TABLE UR > 100 V
Note
IR 100 Hz alternating current [A] at upper category temperature TUC taken from datasheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
L
Lifetime multiplier
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE, AND LIFETIME
I/IR (frequency dependent)
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000
> 2500
10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
200
127
81
53
35
23
16
11
7.4
5.1
3.6
2.6
1.84
1.33
0.17
0.20
0.23
0.25
0.26
0.27
0.28
194
123
79
52
34
23
15
10
7.2
5.0
3.5
2.5
1.81
1.31
0.34
0.40
0.46
0.50
0.52
0.54
0.56
178
114
74
48
32
21
14
9.9
6.9
4.8
3.4
2.4
1.73
1.26
0.51
0.60
0.70
0.74
0.78
0.80
0.84
158
102
66
44
29
20
13
9.1
6.3
4.5
3.2
2.3
1.63
1.19
0.68
0.80
0.93
0.99
1.04
1.07
1.12
133
87
57
38
26
17
12
8.3
5.8
4.1
2.9
2.1
1.51
1.10
0.85
1.00
1.16
1.24
1.30
1.34
1.40
110
73
49
33
22
15
11
7.3
5.1
3.6
2.6
1.9
1.37
1.00
1.02
1.20
1.39
1.49
1.56
1.61
1.68
88
59
40
27
19
13
9.0
6.3
4.5
3.2
2.3
1.7
1.21
1.19
1.40
1.62
1.74
1.82
1.88
1.96
69
47
32
22
15
11
7.6
5.4
3.8
2.7
2.00
1.4
1.06
1.36
1.60
1.86
1.98
2.08
2.14
2.24
53
37
26
18
12
8.8
6.2
4.5
3.2
2.3
1.7
1.2
1.53
1.80
2.09
2.23
2.34
2.41
2.52
40
28
20
14
9.9
7.1
5.1
3.7
2.7
1.9
1.4
1.0
1.70
2.00
2.32
2.48
2.60
2.68
2.80
30
21
15
11
7.8
5.6
4.1
3
2.2
1.6
1.2
1.87
2.20
2.55
2.73
2.86
2.95
3.08
22
16
11
8.3
6.0
4.4
3.2
2.4
1.7
1.3
2.04
2.40
2.78
2.98
3.12
3.22
3.36
16
12
8.5
6.2
4.6
3.4
2.5
1.9
1.4
1.0
2.21
2.60
3.02
3.22
3.38
3.48
3.64
11
8.4
6.2
4.6
3.5
2.6
1.9
1.4
1.1
2.38
2.80
3.25
3.47
3.64
3.75
3.92
8.0
6.0
4.5
3.4
2.6
1.9
1.5
1.1
2.55
3.00
3.48
3.72
3.90
4.02
4.20
5.6
4.3
3.3
2.5
1.9
1.4
1.1
combination
2.72
3.20
3.71
3.97
4.16
4.29
4.48
3.9
3.0
2.3
1.8
1.4
1.1
not
2.89
3.40
3.94
4.22
4.42
4.56
4.76
2.7
2.1
1.7
1.3
1.0
permitted
3.06
3.60
4.18
4.46
4.68
4.82
5.04
1.9
1.5
1.2
3.23
3.80
4.41
4.71
4.94
5.09
5.32
1.3
1.0
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN 130300
subclause 4.13
TA = 105 °C; UR applied
2000 h
- 15 %
 C/C  15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL (300 s)  spec. limit
Useful life
CECC 30301
subclause 1.8.1
TA = 105 °C; UR and IR applied
16 V
 U
R  100 V
Cases 6.5 x 8 to 10 x 25: 3000 h
160 V
 U
R  250 V
Cases 6.5 x 8 to 10 x 25: 3000 h
- 45 %
 C/C  45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL (300 s)  spec. limit
No short or open circuit
Total failure percentage:
1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN 130300
subclause 4.17
TA = 105 °C; no voltage applied
100 h
After test: UR to be applied for 30 min
24 h o 48 h before measurement
- 15 %
 C/C  15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL (300 s)  2 x spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com