Electronic Components Datasheet Search
  English  ▼

X  

80D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80D
Description  Aluminum Capacitors 85 °C, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D Datasheet(HTML) 1 Page - Vishay Siliconix

  80D Datasheet HTML 1Page - Vishay Siliconix 80D Datasheet HTML 2Page - Vishay Siliconix 80D Datasheet HTML 3Page - Vishay Siliconix 80D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
80D
www.vishay.com
Vishay Sprague
Revision: 29-Aug-11
1
Document Number: 42060
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors + 85 °C, Snap-In
FEATURES
• General purpose
• Polarized
aluminum
electrolytic
capacitors,
non-solid electrolyte
• High ripple capability
• Compliant to RoHS Directive 2002/95/EC
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in inches (mm)
1.38 x 3.15 (35.0 x 80.0)
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
82 μF to 56 000 μF
Tolerance on CR
- 10 %, + 30 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
Snap mount
Life validation test
2000 h at 85 °C
CAP  15 % from initial
measurement.
ESR  1.5 x initial specified limit.
DCL  initial specified limit
Shelf life
500 h at 85 °C
CAP  15 % from initial
measurement.
ESR  1.3 x initial specified limit.
DCL  2 x initial specified limit
DC leakage current
I = K
K = 4.0 at + 25 °C
I in μA, C in μF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
- 55 °C
- 65 °C
- 75 °C
- 85 °C
2.0
1.7
1.4
1.0
FREQUENCY (Hz)
WVDC
50 TO 60
300 TO 1000
1000 AND UP
0 to 49
50 to 199
200 to 250
0.85
0.83
0.80
1.10
1.15
1.30
1.15
1.20
1.40
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
Nominal
Diameter
0.984
(25.0)
1.18
(30.0)
1.38
(35.0)
Typical
ESL (nH)
8.0
10.0
12.0
DIMENSIONS in inches (millimeters)
CASE
CODE
DIAMETER
LENGTH
CASE
CODE
DIAMETER
LENGTH
D + 0.039 - 0 (+ 1.0/- 0)
L ± 0.079 (2.0)
D + 0.039/- 0 (+ 1.0/- 0)
L ± 0.079 (2.0)
JA
1.00 (25.0)
1.00 (25.0)
KD
1.18 (30.0)
1.57 (40.0)
JB
1.00 (25.0)
1.18 (30.0)
KE
1.18 (30.0)
2.00 (50.0)
JC
1.00 (25.0)
1.38 (35.0)
MB
1.38 (35.0)
1.18 (30.0)
JD
1.00 (25.0)
1.57 (40.0)
MC
1.38 (35.0)
1.38 (35.0)
JE
1.00 (25.0)
2.00 (50.0)
MD
1.38 (35.0)
1.57 (40.0)
KA
1.18 (30.0)
1.00 (25.0)
ME
1.38 (35.0)
2.00 (50.0)
KB
1.18 (30.0)
1.18 (30.0)
MF
1.38 (35.0)
2.50 (63.0)
KC
1.18 (30.0)
1.38 (35.0)
MG
1.38 (35.0)
3.18 (80.0)


Similar Part No. - 80D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
Aluminum Capacitors 85 째C, Snap-In
27-Aug-08
logo
Shanghai Yint Electroni...
80D-11 YINT-80D-11 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
80D-11 LEIDITECH-80D-11 Datasheet
3Mb / 24P
NTC Specification
80D-11 LEIDITECH-80D-11 Datasheet
2Mb / 24P
NTC Specification
logo
List of Unclassifed Man...
80D-5 ETC1-80D-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 80D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
85 ?C Snap-In Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
Aluminum Capacitors 85 째C, Snap-In
27-Aug-08
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
82D VISHAY-82D Datasheet
362Kb / 6P
Aluminum Capacitors 85 °C, Snap-In, General Purpose
27-Aug-08
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
Aluminum Capacitors 85 째C, Snap-In, General Purpose
29-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com